Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB28F004SC-100 Datasheet(PDF) 39 Page - Intel Corporation

Part # TB28F004SC-100
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TB28F004SC-100 Datasheet(HTML) 39 Page - Intel Corporation

Back Button TB28F004SC-100 Datasheet HTML 34Page - Intel Corporation TB28F004SC-100 Datasheet HTML 35Page - Intel Corporation TB28F004SC-100 Datasheet HTML 36Page - Intel Corporation TB28F004SC-100 Datasheet HTML 37Page - Intel Corporation TB28F004SC-100 Datasheet HTML 38Page - Intel Corporation TB28F004SC-100 Datasheet HTML 39Page - Intel Corporation TB28F004SC-100 Datasheet HTML 40Page - Intel Corporation TB28F004SC-100 Datasheet HTML 41Page - Intel Corporation TB28F004SC-100 Datasheet HTML 42Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
39
PRELIMINARY
6.7
Block Erase, Program, and Lock-Bit Configuration Performance(3, 4, 5)—
Commercial Temperature
VCC = 3.3 V ± 0.3 V, TA = 0°C to +70°C
3.3 V VPP
5 V VPP
12 V VPP
#
Sym
Parameter
Notes
Typ(1)
Max
Typ(1)
Max
Typ(1)
Max
Unit
W16 tWHRH1,
tEHRH1
Program Time
2
19
300
10
150
7
125
µs
Block Write Time
2
1.2
4
0.7
2
0.5
1.5
sec
W16 tWHRH2,
tEHRH2
Block Erase Time
2
0.8
6
0.4
5
0.3
4
sec
W16 tWHRH3,
tEHRH3
Set Lock-Bit Time
2
21
TBD
13.3
TBD
11.6
TBD
µs
W16 tWHRH4,
tEHRH4
Clear Block Lock-
Bits Time
2
1.8
TBD
1.2
TBD
1.1
TBD
sec
W16 tWHRH5,
tEHRH5
Program Suspend
Latency Time to
Read
7.1
10
6.6
9.3
7.4
10.4
µs
W16 tWHRH6,
tEHRH6
Erase Suspend
Latency Time to
Read
15.2
21.1
12.3
17.2
12.3
17.2
µs
VCC = 5 V ± 5%, 5 V ± 10%, TA = 0°C to +70°C
5 V VPP
12 V VPP
#
Sym
Parameter
Notes
Typ(1) Max
Typ(1) Max Unit
W16 tWHRH1,
tEHRH1
Program Time
2
8
150
6
100
µs
Block Write Time
2
0.5
1.5
0.4
1
sec
W16 tWHRH2,
tEHRH2
Block Erase Time
2
0.4
5
0.3
4
sec
W16 tWHRH3,
tEHRH3
Set Lock-Bit Time
2
12
TBD
10
TBD
µs
W16 tWHRH4,
tEHRH4
Clear Block Lock-Bits Time
2
1.1
TBD
1.0
TBD sec
W16 tWHRH5,
tEHRH5
Program Suspend Latency Time to
Read
5.6
7
5.2
7.5
µs
W16 tWHRH6,
tEHRH6
Erase Suspend Latency Time to
Read
9.4
13.1
9.8
12.6
µs
NOTES:
1.
Typical values measured at TA = +25°C and nominal voltages. Assumes corresponding lock-bits are not set. Subject to
change based on device characterization.
2.
Excludes system-level overhead.
3.
These performance numbers are valid for all speed versions.
4.
Sampled, but not 100% tested.
5.
Reference the
AC Waveform for Write Operations, Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com