Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016XD Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F016XD
Description  16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XD Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F016XD Datasheet HTML 17Page - Intel Corporation 28F016XD Datasheet HTML 18Page - Intel Corporation 28F016XD Datasheet HTML 19Page - Intel Corporation 28F016XD Datasheet HTML 20Page - Intel Corporation 28F016XD Datasheet HTML 21Page - Intel Corporation 28F016XD Datasheet HTML 22Page - Intel Corporation 28F016XD Datasheet HTML 23Page - Intel Corporation 28F016XD Datasheet HTML 24Page - Intel Corporation 28F016XD Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
E
28F016XD FLASH MEMORY
21
5.3 Transient Input/Output Reference Waveforms
TEST POINTS
INPUT
OUTPUT
2.0
0.8
0.8
2.0
2.4
0.45
0533_05
AC test inputs are driven at V
OH (2.4 VTTL) for a Logic “1” and VOL (0.45 VTTL) for a Logic “0.” Input timing begins at VIH
(2.0 VTTL) and V
IL (0.8 VTTL). Output timing ends at VIH and VIL. Input rise and fall times (10% to 90%) <10 ns.
Figure 5. Transient Input/Output Reference Waveform for VCC = 5.0V ± 0.5V(1)
TEST POINTS
INPUT
OUTPUT
1.5
3.0
0.0
1.5
0533_06
AC test inputs are driven at 3.0V for a Logic “1” and 0.0V for a Logic “0.” Input timing begins, and output timing ends, at 1.5V.
Input rise and fall times (10% to 90%) <10 ns.
Figure 6. Transient Input/Output Reference Waveform for VCC = 3.3V ± 0.3V(2)
NOTES:
1. Testing characteristics for 28F016XD-85.
2. Testing characteristics for 28F016XD-95.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com