Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F128 Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 17Page - Intel Corporation 28F128 Datasheet HTML 18Page - Intel Corporation 28F128 Datasheet HTML 19Page - Intel Corporation 28F128 Datasheet HTML 20Page - Intel Corporation 28F128 Datasheet HTML 21Page - Intel Corporation 28F128 Datasheet HTML 22Page - Intel Corporation 28F128 Datasheet HTML 23Page - Intel Corporation 28F128 Datasheet HTML 24Page - Intel Corporation 28F128 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
Preliminary
15
NOTES:
1. Refer to the Query Structure Output section and offset 28h for the detailed definition of offset address as a
function of device bus width and mode.
2. BA = Block Address beginning location (i.e., 02000h is block 2’s beginning location when the block size is
128 Kbyte).
3. Offset 15 defines “P” which points to the Primary Intel-Specific Extended Query Table.
4.2.3
Block Status Register
The block status register indicates whether an erase operation completed successfully or whether a
given block is locked or can be accessed for flash program/erase operations.
NOTE:
1. BA = The beginning location of a Block Address (i.e., 008000h is block 1’s (64-KB block) beginning location
in word mode).
4.2.4
CFI Query Identification String
The CFI Query Identification String provides verification that the component supports the
Common Flash Interface specification. It also indicates the specification version and supported
vendor-specified command set(s).
Table 7.
Query Structure(1)
Offset
Sub-Section Name
Description
00h
Manufacturer Code
01h
Device Code
(BA+2)h(2)
Block Status Register
Block-Specific Information
04-0Fh
Reserved
Reserved for Vendor-Specific Information
10h
CFI Query Identification String
Reserved for Vendor-Specific Information
1Bh
System Interface Information
Command Set ID and Vendor Data Offset
27h
Device Geometry Definition
Flash Device Layout
P(3)
Primary Intel-Specific Extended
Query Table
Vendor-Defined Additional Information Specific to the
Primary Vendor Algorithm
Table 8.
Block Status Register
Offset
Length
Description
Address
Value
(BA+2)h(1)
1
Block Lock Status Register
BA+2:
--00 or --01
BSR.0 Block Lock Status
0 = Unlocked
1 = Locked
BA+2:
(bit 0): 0 or 1
BSR 1–7: Reserved for Future Use
BA+2:
(bit 1–7): 0
Table 9.
CFI Identification
Offset
Length
Description
Add.
Hex
Code
Value
10h
3
Query-unique ASCII string “QRY”
10
--51
“Q”
11:
--52
“R”
12:
--59
“Y”
13h
2
Primary vendor command set and control interface ID code.
13:
--01
16-bit ID code for vendor-specified algorithms
14:
--00
15h
2
Extended Query Table primary algorithm address
15:
--31
16:
--00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com