Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F128 Datasheet (PDF) - Intel Corporation

28F128 Datasheet PDF - Intel Corporation
Part # 28F128
Download  28F128 Download
File Size   380.43 Kbytes
Page   58 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 3 Volt Intel StrataFlash Memory

28F128 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F128 Datasheet PDF - Intel Corporation

Part # 28F128
Download  28F128 Click to download

File Size   380.43 Kbytes
Page   58 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 3 Volt Intel StrataFlash Memory

28F128 Datasheet (HTML) - Intel Corporation


28F128 Product details

Product Overview
The 0.25 µ 3 Volt Intel StrataFlash memory family contains high-density memories organized as 16 Mbytes or 8 Mwords (128-Mbit), 8 Mbytes or 4 Mwords (64-Mbit), and 4 Mbytes or 2 Mwords (32-Mbit). These devices can be accessed as 8- or 16-bit words. The 128-Mbit device is organized as one-hundred-twenty-eight 128-Kbyte (131,072 bytes) erase blocks. The 64-Mbit device is organized as sixty-four 128-Kbyte erase blocks while the 32-Mbits device contains thirty-two 128-Kbyte erase blocks. Blocks are selectively and individually lockable and unlockable in system. A 128-bit protection register has multiple uses, including unique flash device identification.

Product Features
■ High-Density Symmetrically-Blocked Architecture
   —128 128-Kbyte Erase Blocks (128 M)
   —64 128-Kbyte Erase Blocks (64 M)
   —32 128-Kbyte Erase Blocks (32 M)
■ High Performance Interface Asynchronous Page Mode Reads
   —110/25 ns Read Access Time (32 M)
   —120/25 ns Read Access Time (64 M)
   —150/25 ns Read Access Time (128 M)
■ 2.7 V–3.6 V VCC Operation
■ 128-bit Protection Register
   —64-bit Unique Device Identifier
   —64-bit User Programmable OTP Cells
■ Enhanced Data Protection Features
   Absolute Protection with VPEN = GND
   —Flexible Block Locking
   —Block Erase/Program Lockout during Power Transitions
■ Packaging
   —56-Lead TSOP Package
   —64-Ball Intel® Easy BGA Package
■ Cross-Compatible Command Support Intel Basic Command Set
   —Common Flash Interface
   —Scalable Command Set
■ 32-Byte Write Buffer
   —6 µs per Byte Effective Programming Time
■ 12.8M Total Min. Erase Cycles (128 Mbit)
   6.4M Total Min. Erase Cycles (64 Mbit)
   3.2M Total Min. Erase Cycles (32 Mbit)
   —100K Minimum Erase Cycles per Block
■ Automation Suspend Options
   —Block Erase Suspend to Read
   —Block Erase Suspend to Program
   —Program Suspend to Read
■ 0.25 µ Intel® StrataFlash™ Memory Technology




Similar Part No. - 28F128

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128L18 INTEL-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Intel Corporation
28F128L30 INTEL-28F128L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
Intel짰 Wireless Flash Memory
More results


Similar Description - 28F128

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
Intel StrataFlash Embedded Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
5 Volt Intel StrataFlash짰 Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
NumonyxTM StrataFlash Embedded Memory
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com