Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8088 Datasheet(PDF) 21 Page - Intel Corporation

Part # D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Datasheet(HTML) 21 Page - Intel Corporation

Back Button D8088 Datasheet HTML 17Page - Intel Corporation D8088 Datasheet HTML 18Page - Intel Corporation D8088 Datasheet HTML 19Page - Intel Corporation D8088 Datasheet HTML 20Page - Intel Corporation D8088 Datasheet HTML 21Page - Intel Corporation D8088 Datasheet HTML 22Page - Intel Corporation D8088 Datasheet HTML 23Page - Intel Corporation D8088 Datasheet HTML 24Page - Intel Corporation D8088 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
8088
AC CHARACTERISTICS
MAX MODE SYSTEM (USING 8288 BUS CONTROLLER)
TIMING REQUIREMENTS
Symbol
Parameter
8088
8088-2
Units
Test
Min
Max
Min
Max
Conditions
TCLCL
CLK Cycle Period
200
500
125
500
ns
TCLCH
CLK Low Time
118
68
ns
TCHCL
CLK High Time
69
44
ns
TCH1CH2
CLK Rise Time
10
10
ns
From 10V to 35V
TCL2CL1
CLK Fall Time
10
10
ns
From 35V to 10V
TDVCL
Data in Setup Time
30
20
ns
TCLDX
Data in Hold Time
10
10
ns
TR1VCL
RDY Setup Time into 8284
35
35
ns
(Notes 1 2)
TCLR1X
RDY Hold Time into 8284
0
0
ns
(Notes 1 2)
TRYHCH
READY Setup Time into 8088
118
68
ns
TCHRYX
READY Hold Time into 8088
30
20
ns
TRYLCL
READY Inactive to CLK
b
8
b
8ns
(Note 4)
TINVCH
Setup Time for Recognition
30
15
ns
(INTR NMI TEST) (Note 2)
TGVCH
RQGT Setup Time
30
15
ns
TCHGX
RQ Hold Time into 8088
40
30
ns
TILIH
Input Rise Time (Except CLK)
20
20
ns
From 08V to 20V
TIHIL
Input Fall Time (Except CLK)
12
12
ns
From 20V to 08V
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com