Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8088 Datasheet(PDF) 4 Page - Intel Corporation

Part # D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Datasheet(HTML) 4 Page - Intel Corporation

  D8088 Datasheet HTML 1Page - Intel Corporation D8088 Datasheet HTML 2Page - Intel Corporation D8088 Datasheet HTML 3Page - Intel Corporation D8088 Datasheet HTML 4Page - Intel Corporation D8088 Datasheet HTML 5Page - Intel Corporation D8088 Datasheet HTML 6Page - Intel Corporation D8088 Datasheet HTML 7Page - Intel Corporation D8088 Datasheet HTML 8Page - Intel Corporation D8088 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
8088
Table 1 Pin Description
(Continued)
Symbol Pin No
Type
Name and Function
HOLD
HLDA
31 30
I O
HOLD
indicates that another master is requesting a local bus ‘‘hold’’ To be
acknowledged HOLD must be active HIGH The processor receiving the ‘‘hold’’
request will issue HLDA (HIGH) as an acknowledgement in the middle of a T4 or
Ti clock cycle Simultaneous with the issuance of HLDA the processor will float
the local bus and control lines After HOLD is detected as being LOW the
processor lowers HLDA and when the processor needs to run another cycle it
will again drive the local bus and control lines HOLD and HLDA have internal
pull-up resistors
Hold is not an asynchronous input External synchronization should be provided if
the system cannot otherwise guarantee the set up time
SSO
34
O
STATUS LINE
is logically equivalent to SO in the maximum mode The
combination of SSO IOM and DTR allows the system to completely decode the
current bus cycle status
IOM
DTR
SSO
Characteristics
1(HIGH)
0
0
Interrupt Acknowledge
1
0
1
Read IO Port
1
1
0
Write IO Port
1
1
1
Halt
0(LOW)
0
0
Code Access
0
0
1
Read Memory
0
1
0
Write Memory
0
1
1
Passive
The following pin function descriptions are for the 80888288 system in maximum mode (ie MNMX e
GND) Only the pin functions which are unique to maximum mode are described all other pin functions are as
described above
Symbol
Pin No
Type
Name and Function
S2 S1 S0 26–28
O
STATUS
is active during clock high of T4 T1 and T2 and is returned to the
passive state (111) during T3 or during Tw when READY is HIGH This status is
used by the 8288 bus controller to generate all memory and IO access control
signals Any change by S2 S1 orS0 during T4 is used to indicate the beginning
of a bus cycle and the return to the passive state in T3 and Tw is used to
indicate the end of a bus cycle
These signals float to 3-state OFF during ‘‘hold acknowledge’’ During the first
clock cycle after RESET becomes active these signals are active HIGH After
this first clock they float to 3-state OFF
S2
S1
S0
Characteristics
0(LOW)
0
0
Interrupt Acknowledge
0
0
1
Read IO Port
0
1
0
Write IO Port
0
1
1
Halt
1(HIGH)
0
0
Code Access
1
0
1
Read Memory
1
1
0
Write Memory
1
1
1
Passive
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com