Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960CF-40 Datasheet(PDF) 13 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 9Page - Intel Corporation 80960CF-40 Datasheet HTML 10Page - Intel Corporation 80960CF-40 Datasheet HTML 11Page - Intel Corporation 80960CF-40 Datasheet HTML 12Page - Intel Corporation 80960CF-40 Datasheet HTML 13Page - Intel Corporation 80960CF-40 Datasheet HTML 14Page - Intel Corporation 80960CF-40 Datasheet HTML 15Page - Intel Corporation 80960CF-40 Datasheet HTML 16Page - Intel Corporation 80960CF-40 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
PRELIMINARY
7
A
80960CF-40, -33, -25, -16
BTERM
I
S(L)
H(Z)
R(Z)
BURST TERMINATE is an input which breaks up a burst access and causes another
address cycle to occur. The BTERM signal works in conjunction with the internally
programmed wait-state generator. If READY and BTERM are enabled in a region, the
BTERM pin is sampled after the programmed number of wait states has expired. When
BTERM is asserted, a new ADS signal is generated and the access is completed. The
READY input is ignored when BTERM is asserted. BTERM must be externally synchro-
nized to satisfy BTERM setup and hold times.
WAIT
O
S
H(Z)
R(1)
WAIT indicates internal wait state generator status. WAIT is asserted when wait states
are being caused by the internal wait state generator and not by the READY or BTERM
inputs. WAIT can be used to derive a write-data strobe. WAIT can also be thought of as
a READY output that the processor provides when it is inserting wait states.
BLAST
O
S
H(Z)
R(0)
BURST LAST indicates the last transfer in a bus access. BLAST is asserted in the last
data transfer of burst and non-burst accesses after the wait state counter reaches zero.
BLAST remains asserted until the clock following the last cycle of the last data transfer
of a bus access. If the READY or BTERM input is used to extend wait states, the
BLAST signal remains asserted until READY or BTERM terminates the access.
DT/R
O
S
H(Z)
R(0)
DATA TRANSMIT/RECEIVE indicates direction for data transceivers. DT/R is used in
conjunction with DEN to provide control for data transceivers attached to the external
bus. When DT/R is asserted, the signal indicates that the processor receives data.
Conversely, when deasserted, the processor sends data. DT/R changes only while
DEN is high.
DEN
O
S
H(Z)
R(1)
DATA ENABLE indicates data cycles in a bus request. DEN is asserted at the start of
the bus request first data cycle and is deasserted at the end of the last data cycle. DEN
is used in conjunction with DT/R to provide control for data transceivers attached to the
external bus. DEN remains asserted for sequential reads from pipelined memory
regions. DEN is deasserted when DT/R changes.
LOCK
O
S
H(Z)
R(1)
BUS LOCK indicates that an atomic read-modify-write operation is in progress. LOCK
may be used to prevent external agents from accessing memory which is currently
involved in an atomic operation. LOCK is asserted in the first clock of an atomic opera-
tion and deasserted in the clock cycle following the last bus access for the atomic
operation. To allow the most flexibility for memory system enforcement of locked
accesses, the processor acknowledges a bus hold request when LOCK is asserted.
The processor performs DMA transfers while LOCK is active.
HOLD
I
S(L)
H(Z)
R(Z)
HOLD REQUEST signals that an external agent requests access to the external bus.
The processor asserts HOLDA after completing the current bus request. HOLD,
HOLDA and BREQ are used together to arbitrate access to the processor’s external
bus by external bus agents.
BOFF
I
S(L)
H(Z)
R(Z)
BUS BACKOFF, when asserted, suspends the current access and causes the bus pins
to float. When BOFF is deasserted, the ADS signal is asserted on the next clock cycle
and the access is resumed.
Table 2. 80960CF Pin Description — External Bus Signals (Sheet 2 of 3)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com