Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960CF-40 Datasheet(PDF) 27 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 23Page - Intel Corporation 80960CF-40 Datasheet HTML 24Page - Intel Corporation 80960CF-40 Datasheet HTML 25Page - Intel Corporation 80960CF-40 Datasheet HTML 26Page - Intel Corporation 80960CF-40 Datasheet HTML 27Page - Intel Corporation 80960CF-40 Datasheet HTML 28Page - Intel Corporation 80960CF-40 Datasheet HTML 29Page - Intel Corporation 80960CF-40 Datasheet HTML 30Page - Intel Corporation 80960CF-40 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
PRELIMINARY
21
A
80960CF-40, -33, -25, -16
Table 10. 80960CF PGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
200
(1.01)
400
(2.03)
600
(3.07)
800
(4.06)
1000
(5.07)
θ Junction-to-Case
(Case measured as
shown in Figure 5)
1.5
1.5
1.5
1.5
1.5
1.5
θ Case-to-Ambient
(No Heatsink)
17
14
11
9
7.1
6.6
θ Case-to-Ambient
(With Heatsink)*
13
9
5.5
5
3.9
3.4
NOTES:
1. This table applies to 80960CF PGA plugged into socket or soldered directly to board.
2.
θ
JA = θJC + θCA
*0.285” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 150 mil center-to-center fin spacing).
Table 11. 80960CF PQFP Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
50
(0.25)
100
(0.50)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
θ Junction-to-Case (Case Measured
as shown in Figure 5)
5
5
555
55
θ Case-to-Ambient (No Heatsink)
19
18
17
15
12
10
9
NOTES:
1. This table applies to 80960CF PQFP soldered directly to board.
2.
θ
JA = θJC + θCA
θ
JC
θ
JA
θ
JC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com