Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EC Datasheet(PDF) 13 Page - Intel Corporation

Part # 80C186EC
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EC Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80C186EC Datasheet HTML 9Page - Intel Corporation 80C186EC Datasheet HTML 10Page - Intel Corporation 80C186EC Datasheet HTML 11Page - Intel Corporation 80C186EC Datasheet HTML 12Page - Intel Corporation 80C186EC Datasheet HTML 13Page - Intel Corporation 80C186EC Datasheet HTML 14Page - Intel Corporation 80C186EC Datasheet HTML 15Page - Intel Corporation 80C186EC Datasheet HTML 16Page - Intel Corporation 80C186EC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
80C186EC188EC 80L186EC188EC
Table 2 Pin Descriptions
(Continued)
Pin Name
Pin
Input
Output
Pin Description
Type
Type
States
PEREQ
I
A(L)
Processor Extension REQuest
signals that a data
transfer between an 80C187 Numerics Processor
Extension and Memory is pending Systems not using an
80C187 must tie this pin to VSS This signal does not exist
on the 80C188EC80L188EC
UCS
O
H(1)
Upper Chip Select
will go active whenever the address of
a memory or IO bus cycle is within the address range
R(1)
programmed by the user After reset UCS is configured to
I(1)
be active for memory accesses between 0FFC00H and
P(1)
0FFFFFH
LCS
O
H(1)
Lower Chip Select
will go active whenever the address of
a memory or IO bus cycle is within the address range
R(1)
programmed by the user LCS is inactive after a reset
I(1)
P(1)
P10GCS0
O
H(X)H(1)
These pins provide a multiplexed function If enabled
each pin can provide a General purpose Chip Select
P11GCS1
R(1)
output which will go active whenever the address of a
P12GCS2
I(X)I(1)
memory or IO bus cycle is within the address limitations
P13GCS3
P(X)P(1)
programmed by the user When not programmed as a
P14GCS4
Chip-Select each pin may be used as a general purpose
P15GCS5
output port
P16GCS6
P17GCS7
T0OUT
O
H(Q)
Timer OUTput
pins can be programmed to provide single
clock or continuous waveform generation depending on
T1OUT
R(1)
the timer mode selected
I(Q)
P(X)
T0IN
I
A(L)
Timer INput
is used either as clock or control signals
depending on the timer mode selected This pin may be
T1IN
A(E)
either level or edge sensitive depending on the
programming mode
INT70
I
A(L)
Maskable INTerrupt
input will cause a vector to a specific
Type interrupt routine The INT60 pins can be used as
A(E)
cascade inputs from slave 8259A devices The INT pins
can be configured as level or edge sensitive
INTA
O
H(1)
INTerrupt Acknowledge
output is a handshaking signal
used by external 82C59A Programmable Interrupt
R(1)
Controllers
I(1)
P(1)
P35
IO
A(L)
H(X)
Bidirectional open-drain port pins
P34
R(Z)
I(X)
H(X)
P33DMAI1
O
H(X)
DMA Interrupt
output goes active to indicate that the
channel has completed a transfer DMAI1 and DMAI0 are
P32DMAI0
R(0)
multiplexed with output only port functions
I(Q)
P(X)
NOTE
Pin names in parentheses apply to the 80C188EC80L188EC
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com