Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EB13 Datasheet(PDF) 9 Page - Intel Corporation

Part # 80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB13 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 80C186EB13 Datasheet HTML 5Page - Intel Corporation 80C186EB13 Datasheet HTML 6Page - Intel Corporation 80C186EB13 Datasheet HTML 7Page - Intel Corporation 80C186EB13 Datasheet HTML 8Page - Intel Corporation 80C186EB13 Datasheet HTML 9Page - Intel Corporation 80C186EB13 Datasheet HTML 10Page - Intel Corporation 80C186EB13 Datasheet HTML 11Page - Intel Corporation 80C186EB13 Datasheet HTML 12Page - Intel Corporation 80C186EB13 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 2 Pin Description Nomenclature
Symbol
Description
P
Power Pin (Apply aVCC Voltage)
G
Ground (Connect to VSS)
I
Input Only Pin
O
Output Only Pin
IO
InputOutput Pin
S(E)
Synchronous Edge Sensitive
S(L)
Synchronous Level Sensitive
A(E)
Asynchronous Edge Sensitive
A(L)
Asynchronous Level Sensitive
H(1)
Output Driven to VCC during Bus Hold
H(0)
Output Driven to VSS during Bus Hold
H(Z)
Output Floats during Bus Hold
H(Q)
Output Remains Active during Bus Hold
H(X)
Output Retains Current State during Bus Hold
R(WH)
Output Weakly Held at VCC during Reset
R(1)
Output Driven to VCC during Reset
R(0)
Output Driven to VSS during Reset
R(Z)
Output Floats during Reset
R(Q)
Output Remains Active during Reset
R(X)
Output Retains Current State during Reset
I(1)
Output Driven to VCC during Idle Mode
I(0)
Output Driven to VSS during Idle Mode
I(Z)
Output Floats during Idle Mode
I(Q)
Output Remains Active during Idle Mode
I(X)
Output Retains Current State during Idle Mode
P(1)
Output Driven to VCC during Powerdown Mode
P(0)
Output Driven to VSS during Powerdown Mode
P(Z)
Output Floats during Powerdown Mode
P(Q)
Output Remains Active during Powerdown Mode
P(X)
Output Retains Current State during Powerdown Mode
9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com