Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EB13 Datasheet(PDF) 37 Page - Intel Corporation

Part # 80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB13 Datasheet(HTML) 37 Page - Intel Corporation

Back Button 80C186EB13 Datasheet HTML 33Page - Intel Corporation 80C186EB13 Datasheet HTML 34Page - Intel Corporation 80C186EB13 Datasheet HTML 35Page - Intel Corporation 80C186EB13 Datasheet HTML 36Page - Intel Corporation 80C186EB13 Datasheet HTML 37Page - Intel Corporation 80C186EB13 Datasheet HTML 38Page - Intel Corporation 80C186EB13 Datasheet HTML 39Page - Intel Corporation 80C186EB13 Datasheet HTML 40Page - Intel Corporation 80C186EB13 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
AC SPECIFICATIONS (Continued)
Serial Port Mode 0 Timings (80C186EB25 20 1380L186EB16 13 8)
Symbol
Parameter
Min
Max
Unit Notes
TXLXL
TXD Clock Period
T (n a 1)
ns
1 2
TXLXH
TXD Clock Low to Clock High (n l 1)
2T b 35
2T a 35
ns
1
TXLXH
TXD Clock Low to Clock High (n e 1)
T b 35
T a 35
ns
1
TXHXL
TXD Clock High to Clock Low (n l 1)
(n b 1) T b 35 (n b 1) T a 35
ns
1 2
TXHXL
TXD Clock High to Clock Low (n e 1)
T b 35
T a 35
ns
1
TQVXH
RXD Output Data Setup to TXD Clock High (n l 1)
(n b 1) T b 35
ns
1 2
TQVXH
RXD Output Data Setup to TXD Clock High (n e 1)
T b 35
ns
1
TXHQX
RXD Output Data Hold after TXD Clock High (n l 1)
2T b 35
ns
1
TXHQX
RXD Output Data Hold after TXD Clock High (n e 1)
T b 35
ns
1
TXHQZ
RXD Output Data Float after Last TXD Clock High
T a 20
ns
1
TDVXH
RXD Input Data Setup to TXD Clock High
T a 20
ns
1
TXHDX
RXD Input Data Hold after TXD Clock High
0
ns
1
NOTES
1 See Figure 12 for waveforms
2 n is the value of the BxCMP register ignoring the ICLK Bit (ie ICLK e 0)
37
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com