Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C186EB13 Datasheet(PDF) 12 Page - Intel Corporation

Part # TS80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TS80C186EB13 Datasheet(HTML) 12 Page - Intel Corporation

Back Button TS80C186EB13 Datasheet HTML 8Page - Intel Corporation TS80C186EB13 Datasheet HTML 9Page - Intel Corporation TS80C186EB13 Datasheet HTML 10Page - Intel Corporation TS80C186EB13 Datasheet HTML 11Page - Intel Corporation TS80C186EB13 Datasheet HTML 12Page - Intel Corporation TS80C186EB13 Datasheet HTML 13Page - Intel Corporation TS80C186EB13 Datasheet HTML 14Page - Intel Corporation TS80C186EB13 Datasheet HTML 15Page - Intel Corporation TS80C186EB13 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 3 Pin Descriptions
(Continued)
Pin
Pin
Input
Output
Description
Name
Type
Type
States
DTR
O
H(Z)
Data TransmitReceive
output controls the direction of a
bi-directional buffer in a buffered system DTR is only
R(Z)
available for the PLCC package
P(X)
LOCK
O
H(Z)
LOCK
output indicates that the bus cycle in progress is not
to be interrupted The processor will not service other bus
R(WH)
requests (such as HOLD) while LOCK is active This pin is
P(1)
configured as a weakly held high input while RESIN is
active and must not be driven low
HOLD
I
A(L)
HOLD
request input to signal that an external bus master
wishes to gain control of the local bus The processor will
relinquish control of the local bus between instruction
boundaries not conditioned by a LOCK prefix
HLDA
O
H(1)
HoLD Acknowledge
output to indicate that the processor
has relinquished control of the local bus When HLDA is
R(0)
asserted the processor will (or has) floated its data bus
P(0)
and control signals allowing another bus master to drive the
signals directly
NCS
O
H(1)
Numerics Coprocessor Select
output is generated when
accessing a numerics coprocessor NCS is not provided on
(NC)
R(1)
the QFP or SQFP packages This signal does not exist on
P(1)
the 80C188EB80L188EB
ERROR
I
A(L)
ERROR
input that indicates the last numerics coprocessor
operation resulted in an exception condition An interrupt
(NC)
TYPE 16 is generated if ERROR is sampled active at the
beginning of a numerics operation ERROR is not provided
on the QFP or SQFP packages This signal does not exist
on the 80C188EB80L188EB
PEREQ
I
A(L)
CoProcessor REQuest
signals that a data transfer
between an External Numerics Coprocessor and Memory is
(NC)
pending PEREQ is not provided on the QFP or SQFP
packages This signal does not exist on the 80C188EB
80L188EB
UCS
O
H(1)
Upper Chip Select
will go active whenever the address of
a memory or IO bus cycle is within the address limitations
R(1)
programmed by the user After reset UCS is configured to
P(1)
be active for memory accesses between 0FFC00H and
0FFFFFH
LCS
O
H(1)
Lower Chip Select
will go active whenever the address of
a memory bus cycle is within the address limitations
R(1)
programmed by the user LCS is inactive after a reset
P(1)
P10GCS0
O
H(X)H(1)
These pins provide a multiplexed function If enabled each
pin can provide a Generic Chip Select output which will go
P11GCS1
R(1)
active whenever the address of a memory or IO bus cycle
P12GCS2
P(X)P(1)
is within the address limitations programmed by the user
P13GCS3
When not programmed as a Chip-Select each pin may be
P14GCS4
used as a general purpose output Port As an output port
P15GCS5
pin the value of the pin can be read internally
P16GCS6
P17GCS7
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com