Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C186EB13 Datasheet(PDF) 53 Page - Intel Corporation

Part # TS80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TS80C186EB13 Datasheet(HTML) 53 Page - Intel Corporation

Back Button TS80C186EB13 Datasheet HTML 49Page - Intel Corporation TS80C186EB13 Datasheet HTML 50Page - Intel Corporation TS80C186EB13 Datasheet HTML 51Page - Intel Corporation TS80C186EB13 Datasheet HTML 52Page - Intel Corporation TS80C186EB13 Datasheet HTML 53Page - Intel Corporation TS80C186EB13 Datasheet HTML 54Page - Intel Corporation TS80C186EB13 Datasheet HTML 55Page - Intel Corporation TS80C186EB13 Datasheet HTML 56Page - Intel Corporation TS80C186EB13 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
INSTRUCTION SET SUMMARY
80C186EB
80C188EB
Function
Format
Clock
Clock
Comments
Cycles
Cycles
DATA TRANSFER
MOV e Move
Register to RegisterMemory
1000100w
mod reg r m
212
212
Registermemory to register
1000101w
mod reg r m
2 9
2 9
Immediate to registermemory
1100011w
mod 000 r m
data
data if we1
1213
1213
816-bit
Immediate to register
1011w reg
data
data if we1
34
34
816-bit
Memory to accumulator
1010000w
addr-low
addr-high
8
8
Accumulator to memory
1010001w
addr-low
addr-high
9
9
Registermemory to segment register
10001110
mod0reg r m
2 9
213
Segment register to registermemory
10001100
mod0reg r m
211
215
PUSH e Push
Memory
11111111
mod110 r m
16
20
Register
01010 reg
10
14
Segment register
000reg110
9
13
Immediate
011010s0
data
data if se010
14
PUSHA e Push All
01100000
36
68
POP e Pop
Memory
10001111
mod000 r m
20
24
Register
01011 reg
10
14
Segment register
000reg111
(regi01)
8
12
POPA e Pop All
01100001
51
83
XCHG e Exchange
Registermemory with register
1000011w
mod reg r m
417
417
Register with accumulator
10010 reg
3
3
IN e Input from
Fixed port
1110010w
port
10
10
Variable port
1110110w
8
8
OUT e Output to
Fixed port
1110011w
port
9
9
Variable port
1110111w
7
7
XLAT e
Translate byte to AL
11010111
11
15
LEA e
Load EA to register
10001101
mod reg r m
6
6
LDS e
Load pointer to DS
11000101
mod reg r m
(mod i11)
18
26
LES e
Load pointer to ES
11000100
mod reg r m
(mod i11)
18
26
LAHF e
Load AH with flags
10011111
2
2
SAHF e
Store AH into flags
10011110
3
3
PUSHF e
Push flags
10011100
9
13
POPF e
Pop flags
10011101
8
12
Shaded areas indicate instructions not available in 80868088 microsystems
NOTE
Clock cycles shown for byte transfers For word operations add 4 clock cycles for all memory transfers
53
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com