Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82371AB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 17Page - Intel Corporation 82371AB Datasheet HTML 18Page - Intel Corporation 82371AB Datasheet HTML 19Page - Intel Corporation 82371AB Datasheet HTML 20Page - Intel Corporation 82371AB Datasheet HTML 21Page - Intel Corporation 82371AB Datasheet HTML 22Page - Intel Corporation 82371AB Datasheet HTML 23Page - Intel Corporation 82371AB Datasheet HTML 24Page - Intel Corporation 82371AB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 284 page
background image
82371AB (PIIX4)
21
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
Name
Type
Description
SMEMW#
O
STANDARD MEMORY WRITE. PIIX4 asserts SMEMW# to request an ISA memory
slave to accept data from the data lines. If the access is below the 1-Mbyte range
(00000000h–000FFFFFh) during DMA compatible, PIIX4 master, or ISA master
cycles, PIIX4 asserts SMEMW#. SMEMW# is a delayed version of MEMW#.
During Reset: High-Z
After Reset: High
During POS: High
ZEROWS#
I
ZERO WAIT STATES. An ISA slave asserts ZEROWS# after its address and
command signals have been decoded to indicate that the current cycle can be
shortened. A 16-bit ISA memory cycle can be reduced to two SYSCLKs. An 8-bit
memory or I/O cycle can be reduced to three SYSCLKs. ZEROWS# has no effect
during 16-bit I/O cycles.
If IOCHRDY is negated and ZEROWS# is asserted during the same clock, then
ZEROWS# is ignored and wait states are added as a function of IOCHRDY.
2.1.3.
X-BUS INTERFACE
Name
Type
Description
A20GATE
I
ADDRESS 20 GATE. This input from the keyboard controller is logically combined with
bit 1 (FAST_A20) of the Port 92 Register, which is then output via the A20M# signal.
BIOSCS#
O
BIOS CHIP SELECT. This chip select is driven active during read or write accesses to
enabled BIOS memory ranges. BIOSCS# is driven combinatorially from the ISA
addresses SA[16:0] and LA[23:17], except during DMA cycles. During DMA cycles,
BIOSCS# is not generated.
During Reset: High
After Reset: High
During POS: High
KBCCS#/
GPO26
O
KEYBOARD CONTROLLER CHIP SELECT. KBCCS# is asserted during I/O read or
write accesses to KBC locations 60h and 64h. It is driven combinatorially from the ISA
addresses SA[19:0] and LA[23:17].
If the keyboard controller does not require a separate chip select, this signal can be
programmed to a general purpose output.
During Reset: High
After Reset: High
During POS: High/GPO
MCCS#
O
MICROCONTROLLER CHIP SELECT. MCCS# is asserted during I/O read or write
accesses to IO locations 62h and 66h. It is driven combinatorially from the ISA
addresses SA[19:0] and LA[23:17].
During Reset: High
After Reset: High
During POS: High
PCS0#
PCS1#
O
PROGRAMMABLE CHIP SELECTS. These active low chip selects are asserted for
ISA I/O cycles which are generated by PCI masters and which hit the programmable
I/O ranges defined in the Power Management section. The X-Bus buffer signals (XOE#
and XDIR#) are enabled while the chip select is active. (i.e., it is assumed that the
peripheral which is selected via this pin resides on the X-Bus.)
During Reset: High
After Reset: High
During POS: High
RCIN#
I
RESET CPU. This signal from the keyboard controller is used to generate an INIT
signal to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com