Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82371AB Datasheet(PDF) 46 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 42Page - Intel Corporation 82371AB Datasheet HTML 43Page - Intel Corporation 82371AB Datasheet HTML 44Page - Intel Corporation 82371AB Datasheet HTML 45Page - Intel Corporation 82371AB Datasheet HTML 46Page - Intel Corporation 82371AB Datasheet HTML 47Page - Intel Corporation 82371AB Datasheet HTML 48Page - Intel Corporation 82371AB Datasheet HTML 49Page - Intel Corporation 82371AB Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 284 page
background image
82371AB (PIIX4)
46
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
Table 5. ISA-Compatible Registers
Address
Aliased
Addresses
Type
Register Name
Access
00B2h
R/W
Advanced Power Management Control
PCI
00B3h
R/W
Advanced Power Management Status
PCI
00C0h
00C1h
R/W
DMA2 CH0 Base and Current Address (CH4)
PCI
00C2h
00C3h
R/W
DMA2 CH0 Base and Current Count (CH4)
PCI
00C4h
00C5h
R/W
DMA2 CH1 Base and Current Address (CH5)
PCI
00C6h
00C7h
R/W
DMA2 CH1 Base and Current Count (CH5)
PCI
00C8h
00C9h
R/W
DMA2 CH2 Base and Current Address (CH6)
PCI
00CAh
00CBh
R/W
DMA2 CH2 Base and Current Count (CH6)
PCI
00CCh
00CDh
R/W
DMA2 CH3 Base and Current Address (CH7)
PCI
00CEh
00CFh
R/W
DMA2 CH3 Base and Current Count (CH7)
PCI
00D0h
00D1h
R/W
DMA2 Status(r) Command(w)
PCI
00D2h
00D3h
WO
DMA2 Request
PCI
00D4h
00D5h
WO
DMA2 Write Single Mask Bit
PCI
00D6h
00D7h
WO
DMA2 Channel Mode
PCI
00D8h
00D9h
WO
DMA2 Clear Byte Pointer
PCI
00DAh
00DBh
WO
DMA2 Master Clear
PCI
00DCh
00DDh
WO
DMA2 Clear Mask
PCI
00DEh
00DFh
R/W
DMA2 Read/Write All Mask Register Bits
PCI
00F0h
1
WO
Coprocessor Error
PCI/ISA
04D0h
R/W
INTC-1 Edge/Level Control
PCI/ISA
04D1h
R/W
INTC-2 Edge/Level Control
PCI/ISA
0CF9h
R/W
Reset Control
PCI
NOTES:
1.
Read and write accesses to these locations are always broadcast to the ISA Bus.
2.
Read and write accesses to these locations are broadcast to the ISA Bus, only if internal RTC is disabled in
RTCCFG register.
3.
Not aliased to 0072h or 0076h if extended RAM enabled.
4.
Not aliased to 0073h or 0077h if extended RAM enabled.
5.
The PIIX4 does not support Distributed DMA functionality for the 90h range, even if aliasing is enabled.
6.
Write accesses to these locations are broadcast to the ISA Bus. Read accesses are not. If programmed in
the ISA I/O Recovery Timer register, PIIX4 does not alias the entire 90h–9Fh address range. These
locations are considered ISA Bus register locations and not PIIX4 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com