Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD2 Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFD2
Description  SUBMINIATURE DIP RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD2 Datasheet(HTML) 3 Page - Hongfa Technology

  HFD2 Datasheet HTML 1Page - Hongfa Technology HFD2 Datasheet HTML 2Page - Hongfa Technology HFD2 Datasheet HTML 3Page - Hongfa Technology HFD2 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Udibg` nd_` no\]g` jm 8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
;:
9759
859
8759
9759
859
8759
T`h\mfA 81 Li ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indjiA jpogdi` _dh`indji \8hh3 ojg`m\i^` ncjpg_ ]` w759hhB jpogdi` _dh`indji ^8hh
\i_ \<hh3 ojg`m\i^` ncjpg_ ]` w75:hhB jpogdi` _dh`indji ^<hh3 ojg`m\i^` ncjpg_ ]` w75;hh5
91 Vc` ojg`m\i^` rdocjpo di_d^\odib ajm RFE g\tjpo dn \gr\tn w758hh5
:1 Vc` rd_oc ja oc` bmd__dib dn 95<;hh5
81
0Ejoojh qd`r1
8=
8
8:
88
@
;=
?
88
8= 8<
8:
8
=
;
9
@
?
Ijm g\o^cdib3 _d\bm\h ncjrn oc` ,m`n`o, kjndodji
Hi`mbdu` o`mhdi\gn 8 \i_ 8= oj ,n`o,
T`q`mn` `i`mbdu` o`mhdi\gn 8 \i_ 8= oj ,m`n`o,
Gd\bm\h ncjrn oc` ,m`n`o, kjndodji
Hi`mbdu` o`mhdi\gn 8 \i_ 8= oj ,n`o,
Hi`mbdu` o`mhdi\gn 9 \i_ 8< oj ,m`n`o,
0Ejoojh qd`r1
O\o^cdib 8= kdi LF nj^f`o
O\o^cdib 8= kdi LF nj^f`o
3RNO SRYKT
;0 Uo\i_\m_
@0 U`indodq`
3RNO XROVGLK
:3 <3 =3 @3 893 8<3 9;3 ;?XGF
KIG9 6 789
4G
4U
4N9
@RTV
:.0 8 ^jdg g\o^cdib
:/0 9 ^jdgn g\o^cdib
<NO0 Udibg` nd_` no\]g`
3RQVGIV PGVKTNGO
=?45?9<7 9<6=?;1A9=<
AZSK
=BA:9<5 49;5<@9=<@, D9?9<7 4917?1; 1<4 >3 2=1?4 :1F=BA
Qpogdi` Gdh`indjin
Ydmdib Gd\bm\h
0ZZZ1
WidoA hh
RFE N\tjpo
?4 y8
95<;
95<;
874y8
95<;
95<;
<RVKU0 81 ;?XGF ^jdg qjgo\b` dn jigt ajm ndibg` nd_` no\]g` . no\i_\m_ otk`5
Qmd`io\odji h\mf
Qmd`io\odji h\mf
40 Db2Jjg_ kg\o`_bcf`Jjg_ kg\o`_
ih cfdebcfde`Jjg_ kg\o`_
<NOO0 cfdebcf`Jjg_ kg\o`_
@SKINGO IRJK91
EEE0 Fpnojh`m nk`^d\g m`lpdm`h`io
<NO0 Uo\i_\m_
91 Vc` ^pnojh`m nk`^d\g m`lpdm`h`io `skm`nn \n nk`^d\g ^j_` \ao`m `q\gp\odib ]t Kjiba\5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com