Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD2 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD2
Description  SUBMINIATURE DIP RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD2 Datasheet(HTML) 1 Page - Hongfa Technology

  HFD2 Datasheet HTML 1Page - Hongfa Technology HFD2 Datasheet HTML 2Page - Hongfa Technology HFD2 Datasheet HTML 3Page - Hongfa Technology HFD2 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Idg` Pj5AH8::;?8
KQPJID THND[
6KGVWTKU
;8
] Kdbc n`indodq`A 8<7hY
] O\o^cdib no\i_\m_8= kdi LF nj^f`o
] Kdbc nrdo^cdib ^\k\^dotA 89<XD 6 @7Y
] Edapm^\o`_ ^jio\^on
] Hkjst n`\g`_ ajm \pojh\od^ r\q` njg_`mdib
\i_ ^g`\idib
] Udibg` nd_` no\]g` \i_ g\o^cdib otk` \q\dg\]g`
] Hiqdmjih`io\g amd`i_gt kmj_p^o 0TjKU ^jhkgd\io1
] Qpogdi` Gdh`indjinA 09759 s 8759 s 875=1 hh
LUQ@7783 LUQ6VU8=@;@ 3 LUQ8;7783 QKUDU8?7783 LHFS SF 7?7777 FHTVLILHG
978< T`q5 8577
77:4O
77<4O
77=4O
77@4O
7894O
78<4O
79;4O
7;?4O
:
<
=
@
89
8<
9;
;?
95:7
:5><
;5<7
=5><
@577
8859<
8?57
:=57
75:
75<
75=
75@
859
85<
95;
;5?
;<
89<
8?7
;7<
>97
889<
9??7
88<97
=
87
89
8?
9;
:7
;?
@=
U`indodq` Uo\i_\m_
Udibg` nd_` no\]g`
8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
Dkkmjs5
8<7hY
Dkkmjs5
><hY
Dkkmjs5
8<7hY
=<M h\s5
Fjdg kjr`m
V`hk`m\opm` mdn`
Dkkmjs5
977hY
Dkkmjs5
877hY
Dkkmjs5
977hY
E`or``i ^jdg . ^jio\^on
E`or``i jk`i ^jio\^on
Gd`g`^omd^
nom`iboc
Ucj^f
m`ndno\i^`
75<D =7XGF
9D 9<XGF
9D :7XGF
8D 877XDF
0Li_pnomd\g ^jiomjg3 ]pndi`nn `lpdkh`io1
8D 897XDF
9D 89<XDF0V`g`kcji` `lpdkh`io1
:D :7XGF
Fjio\^o m\odib
0T`n5 gj\_1
<RVKU0 81 Dgg q\gp`n pink`^dad`_ \m` \o >7 5
91 Qigt otkd^\g gj\_n \m` gdno`_ \]jq`5 Qoc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no5
Idg` Pj5AFSF8:7797@<8>;0Udibg` nd_` no\]g`1
FSF8:7797@<8><0N\o^cdib1
864/
@165AF 1>>?=C1: ?1A9<7@
B:-3B:
@B2;9<91AB?5 49> ?5:1F
3=9:
3=9: 41A1
\o 9:
Pjhdi\g
Xjgo\b`
XGF
Fjdg
Fj_`
Rd^f4pk
Xjgo\b`
XGF
h\s5
Gmjk4jpo
Xjgo\b`
XGF
hdi5
O\s5
Xjgo\b`
XGF
@NQLOK UNJK UVGHOK @VGQJGTJ VZSK
Fjdg
T`ndno\i^`
s08 87-1
8777O 0\o <77XGF1
8 ^jdgA 8<77XDF 8hdi
9 ^jdgnA 8777XDF 8hdi
8777XDF 8hdi
;5<hn h\s5
:5<hn h\s5
;5<hn h\s5
;5<hn h\s5
4;7
oj ?<
<- oj ?<- TK
87Ku oj <<Ku 85<hh GD
;@7h6n9
@?7h6n9
RFE 0GLR1
Dkkmjs5 ;5<b
Rg\nod^ n`\g`_
Linpg\odji m`ndno\i^`
Qk`m\o` odh` 0\o ijhd5 qjgo51
T`g`\n` odh` 0\o ijhd5 qjgo51
U`o odh` 0g\o^cdib1
T`n`o odh` 0g\o^cdib1
Dh]d`io o`hk`m\opm`
Kphd_dot
Xd]m\odji m`ndno\i^`
Ipi^odji\g
G`nomp^odq`
381?13A5?9@A93@
9F
n`` jm_`mdib diaj5
8D 89<XDF3 9D :7XGF
:D :7XGF
9<7XDF 6 997XGF
:D
89<XD 6 @7Y
87hX 87xD
8s87?QRU
Fjio\^o \mm\ib`h`io
Fjio\^o m`ndno\i^`
Fjio\^o h\o`md\g
O\s5 nrdo^cdib qjgo\b`
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib kjr`m
Odi5 \kkgd^\]g` gj\_81
O`^c\id^\g `i_pm\i^`
3=<A13A 41A1
Hg`^omd^\g `i_pm\i^`91
<RVKU0 81 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
91 WN dinpg\odji ntno`hA Fg\nn D
V`mhdi\odji
Wido r`dbco
Fjinomp^odji
Db ^jio\^oa 8s87<QRU 08D 89<XDF3
T`ndnodq` gj\_3 \o >7jF3 8n ji @n jaa1
877h h\s5 0\o 87hD :7hXGF1
<RVKU0 81 Odi5 \kkgd^\]g` gj\_ dn m`a`m`i^` q\gp`5 Rg`\n` k`majmh oc`
^jiadmh\odji o`no rdoc oc` \^op\g gj\_ ]`ajm` kmj_p^odji ndi^`
m`a`m`i^` q\gp` h\t ^c\ib` \^^jm_dib oj nrdo^cdib am`lp`i^d`n3
`iqdmjih`io\g ^ji_dodjin \i_ `sk`^o`_ ^jio\^o m`ndno\i^` \i_
m`gd\]dgdot5
91 Hg`^omd^ `i_pm\i^` _\o\ \m` ^jgg`^o`_ di ji` k\dm FQ ^jio\^o o`no5


Similar Part No. - HFD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD2 HONGFA-HFD2 Datasheet
68Kb / 4P
SUMINIATURE DIP RELAY
HFD2-005-S-L2 HONGFA-HFD2-005-S-L2 Datasheet
68Kb / 4P
SUMINIATURE DIP RELAY
HFD2/005-S-L2 HONGFA-HFD2/005-S-L2 Datasheet
68Kb / 4P
SUMINIATURE DIP RELAY
HFD2/012-S-L2-A HONGFA-HFD2/012-S-L2-A Datasheet
67Kb / 4P
High sensitive: 150mW
More results

Similar Description - HFD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
SUBMINIATURE DIP RELAY
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
SUBMINIATURE DIP RELAY
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
SUBMINIATURE DIP RELAY
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
SUBMINIATURE DIP RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com