Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82371FB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82371FB
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371FB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82371FB Datasheet HTML 17Page - Intel Corporation 82371FB Datasheet HTML 18Page - Intel Corporation 82371FB Datasheet HTML 19Page - Intel Corporation 82371FB Datasheet HTML 20Page - Intel Corporation 82371FB Datasheet HTML 21Page - Intel Corporation 82371FB Datasheet HTML 22Page - Intel Corporation 82371FB Datasheet HTML 23Page - Intel Corporation 82371FB Datasheet HTML 24Page - Intel Corporation 82371FB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
21
1.15.
Signal State During Reset
Table 1 shows the state of all PIIX/PIIX3 output and bi-directional signals during a hard reset. A hard reset is
initiated when PWROK is asserted or by programming a hard reset through the RC Register.
Table 1. Output and I/O Signal States During Hard Reset
Signal
State
AD[31:0]
Low (PIIX)
Tri-State
(PIIX3)
C/BE[3:0]#
Low (PIIX)
Tri-State
(PIIX3)
FRAME#
Tri-state
TRDY#
Tri-state
IRDY#
Tri-state
STOP#
Tri-state
DEVSEL#
Tri-state
PAR
Input
PHOLD#
High (PIIX)
Tri-state
(PIIX3)
MDAK[1:0]#
(PIIX)
High
DD[15,13:0]/
PCS#,SBHE#,
SA[19:8],
DD14 (PIIX)
Tri-state
DD14 (PIIX)
DD14/APICCS#
(PIIX3)
Tri-state
High
SA[7:0]
Undefined
DIOR#
High
DIOW#
High
DDAK[1:0]#
High
SOE#
High
SDIR
High
Signal
State
LA23/CS1S
Undefined
LA22/CS3S
Undefined
LA21/CS1P
Undefined
LA20/CS3P
Undefined
LA[19:17]/
DA[2:0]
Undefined
BALE
Low
AEN
Depends on
strapping
option
SYSCLK
Strapping
Option
IOCHRDY
Tri-state
IOR#
High
IOW#
High
MEMCS16#
Open drain
MEMR#
Tri-state
MEMW#
Tri-state
SMEMR#
High
SMEMW#
High
SD[15:0]
Tri-state
DACK[7:5,3:0]#
Depends on
strapping
option
TC
Strapping
Option
REFRESH#
Tri-state
SPKR
Low
INTR
Open drain
Signal
State
PIRQD# (PIIX3) Tri-state
NMI
Open drain
SMI#
Open drain
STPCLK#
Open drain
XDIR#
High
XOE#
High
BIOSCS#
Undefined
(PIIX)
High (PIIX3)
KBCS#
Undefined
(PIIX)
High (PIIX3)
RTCCS#
Undefined
(PIIX)
High (PIIX3)
RTCALE
Low
FERR#
Open drain
IGNNE#
Open drain
CPURST
Open drain
USBP0+
USBP0-
Tri-state
USBP1+
USBP1-
Tri-state
PCIRST# (PIIX)
PCIRST#/
APICACK#
(PIIX3)
Low
INIT
Low
RSTDRV
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com