Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82371FB Datasheet(PDF) 46 Page - Intel Corporation

Part # 82371FB
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371FB Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82371FB Datasheet HTML 42Page - Intel Corporation 82371FB Datasheet HTML 43Page - Intel Corporation 82371FB Datasheet HTML 44Page - Intel Corporation 82371FB Datasheet HTML 45Page - Intel Corporation 82371FB Datasheet HTML 46Page - Intel Corporation 82371FB Datasheet HTML 47Page - Intel Corporation 82371FB Datasheet HTML 48Page - Intel Corporation 82371FB Datasheet HTML 49Page - Intel Corporation 82371FB Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
46
Bit
Description
15:9
Reserved
8
PIIX: Reserved.
PIIX3: Legacy USB SMI Status (RLUSB). This bit is set to 1 to indicate that the USB Legacy
Keyboard logic caused an SMI. Software sets this bit to a 0 by writing a 0 to it.
7
APM SMI Status (RAPMC). This bit is set to 1 to indicate that a write to the APM Control
Register caused an SMI. Software sets this bit to a 0 by writing a 0 to it.
6
EXTSMI# SMI Status (REXT). This bit is set to 1 to indicate that EXTSMI# caused an SMI.
Software sets this bit to a 0 by writing a 0 to it.
For the PIIX3, the EXTSMI# signal can be used to provide a special protocol between the
host-to-PCI bridge and the PIIX3 (see MSTAT Register description, 82h, function 0).
5
Fast Off Timer Expired Status (RFOT). This bit is set to 1 to indicate that the Fast Off Timer
expired and caused an SMI. Software sets this bit to a 0 by writing a 0 to it. Note that the timer
re-starts counting one the next clock after it expires.
4
IRQ12 Request SMI Status (RIRQ12). This bit is set to 1 to indicate that IRQ12 caused an
SMI. Software sets this bit to a 0 by writing a 0 to it.
3
IRQ8# Request SMI Status (RIRQ8). This bit is set to 1 to indicate that IRQ8# caused an
SMI. Software sets this bit to a 0 by writing a 0 to it.
2
IRQ4 Request SMI Status (RIRQ4). This bit is set to 1 to indicate that IRQ4 caused an SMI.
Software sets this bit to a 0 by writing a 0 to it.
1
IRQ3 Request SMI Status (RIRQ3). This bit is set to 1 to indicate that IRQ3 caused an SMI.
Software sets this bit to a 0 by writing a 0 to it.
0
IRQ1 Request SMI Status (RIRQ1). This bit is set to 1 to indicate that IRQ1 caused an SMI.
Software sets this bit to a 0 by writing a 0 to it.
2.2.23.
CTLTMR—CLOCK SCALE STPCLK# LOW TIMER (Function 0)
Address Offset:
ACh
Default Value:
00h
Attribute:
Read/Write
The value in this register defines the duration of the STPCLK# asserted period when bit 2 in the SMICNTL
Register is set to 1. The value in this register is loaded into the STPCLK# Timer when STPCLK# is asserted.
The STPCLK# timer is a divide by PCI clock. The base count for a value of 0 is 42
µsec for a 50 MHz time
base, 35
µsec for a 60 MHz time base, 32 µsec for a 66 MHz time base. These numbers are determined as
follows: # of PCI clocks STPCLK# is asserted (or negated) = 1 + 1056 X (programmed value in register +1).
Bit
Description
7:0
Clock Scaling STPCLK# Low Timer Value. Bits [7:0] define the duration of the STPCLK#
asserted period during clock throttling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com