Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C188EB13 Datasheet(PDF) 29 Page - Intel Corporation

Part # S80C188EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C188EB13 Datasheet(HTML) 29 Page - Intel Corporation

Back Button S80C188EB13 Datasheet HTML 25Page - Intel Corporation S80C188EB13 Datasheet HTML 26Page - Intel Corporation S80C188EB13 Datasheet HTML 27Page - Intel Corporation S80C188EB13 Datasheet HTML 28Page - Intel Corporation S80C188EB13 Datasheet HTML 29Page - Intel Corporation S80C188EB13 Datasheet HTML 30Page - Intel Corporation S80C188EB13 Datasheet HTML 31Page - Intel Corporation S80C188EB13 Datasheet HTML 32Page - Intel Corporation S80C188EB13 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
AC SPECIFICATIONS
AC Characteristics80C186EB25 (Continued)
Symbol
Parameter
25 MHz
Units
Notes
Min
Max
SYNCHRONOUS INPUTS
TCHIS
TEST NMI INT40 BCLK10 T10IN READY CTS10 P26 P27
10
ns
1 9
TCHIH
TEST NMI INT40 BCLK10 T10IN READY CTS10
3ns
1 9
TCLIS
AD150 (AD70) READY
10
ns
1 10
TCLIH
READY AD150 (AD70)
3
ns
1 10
TCLIS
HOLD PEREQ ERROR
10
ns
1 9
TCLIH
HOLD PEREQ ERROR
3ns
1 9
NOTES
1 See AC Timing Waveforms for waveforms and definition
2 Measure at VIH for high time VIL for low time
3 Only required to guarantee ICC Maximum limits are bounded by TC TCH and TCL
4 Specified for a 50 pF load see Figure 13 for capacitive derating information
5 Specified for a 50 pF load see Figure 14 for rise and fall times outside 50 pF
6 See Figure 14 for rise and fall times
7 TCHOV1 applies to BHE (RFSH) LOCK and A1916 only after a HOLD release
8 TCHOV2 applies to RD and WR only after a HOLD release
9 Setup and Hold are required to guarantee recognition
10 Setup and Hold are required for proper operation
29
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com