Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C188EB13 Datasheet(PDF) 7 Page - Intel Corporation

Part # S80C188EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C188EB13 Datasheet(HTML) 7 Page - Intel Corporation

Back Button S80C188EB13 Datasheet HTML 3Page - Intel Corporation S80C188EB13 Datasheet HTML 4Page - Intel Corporation S80C188EB13 Datasheet HTML 5Page - Intel Corporation S80C188EB13 Datasheet HTML 6Page - Intel Corporation S80C188EB13 Datasheet HTML 7Page - Intel Corporation S80C188EB13 Datasheet HTML 8Page - Intel Corporation S80C188EB13 Datasheet HTML 9Page - Intel Corporation S80C188EB13 Datasheet HTML 10Page - Intel Corporation S80C188EB13 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Serial Communications Unit
The Serial Control Unit (SCU) of the 80C186EB con-
tains two independent channels Each channel is
identical in operation except that only channel 0 is
supported by the integrated interrupt controller
(channel 1 has an external interrupt pin) Each
channel has its own baud rate generator that is in-
dependent of the TimerCounter Unit and can be
internally or externally clocked at up to one half the
80C186EB operating frequency
Independent baud rate generators are provided for
each of the serial channels For the asynchronous
modes the generator supplies an 8x baud clock to
both the receive and transmit register logic A 1x
baud clock is provided in the synchronous mode
Chip-Select Unit
The 80C186EB Chip-Select Unit (CSU) integrates
logic which provides up to ten programmable chip-
selects to access both memories and peripherals In
addition each chip-select can be programmed to
automatically insert additional clocks (wait-states)
into the current bus cycle and automatically termi-
nate a bus cycle independent of the condition of the
READY input pin
IO Port Unit
The IO Port Unit (IPU) on the 80C186EB supports
two 8-bit channels of input output or inputoutput
operation Port 1 is multiplexed with the chip select
pins and is output only Most of Port 2 is multiplexed
with the serial channel pins Port 2 pins are limited to
either an output or input function depending on the
operation of the serial pin it is multiplexed with
Refresh Control Unit
The Refresh Control Unit (RCU) automatically gen-
erates a periodic memory read bus cycle to keep
dynamic or pseudo-static memory refreshed A 9-bit
counter controls the number of clocks between re-
fresh requests
A 12-bit address generator is maintained by the RCU
and is presented on the A121 address lines during
the refresh bus cycle Address bits A1913 are pro-
grammable to allow the refresh address block to be
located on any 8 Kbyte boundary
Power Management Unit
The 80C186EB Power Management Unit (PMU) is
provided to control the power consumption of the
device The PMU provides three power modes Ac-
tive Idle and Powerdown
Active
Mode
indicates
that
all
units
on
the
80C186EB are functional and the device consumes
maximum power (depending on the level of periph-
eral operation) Idle Mode freezes the clocks of the
Execution and Bus units at a logic zero state (all
peripherals continue to operate normally)
The Powerdown mode freezes all internal clocks at
a logic zero level and disables the crystal oscillator
All internal registers hold their values provided VCC
is maintained Current consumption is reduced to
just transistor junction leakage
80C187 Interface (80C186EB Only)
The 80C186EB (PLCC package only) supports the
direct connection of the 80C187 Numerics Coproc-
essor
ONCE Test Mode
To facilitate testing and inspection of devices when
fixed into a target system the 80C186EB has a test
mode available which forces all output and input
output pins to be placed in the high-impedance
state ONCE stands for ‘‘ON Circuit Emulation’’ The
ONCE mode is selected by forcing the A19ONCE
pin LOW (0) during a processor reset (this pin is
weakly held to a HIGH (1) level) while RESIN is ac-
tive
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com