Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240CDB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT54FCT240CDB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240CDB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT54FCT240CDB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IDT54/74FCT240/241/244/540/541/A/C
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.8
4
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC – 0.2V
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC= 5.0V ± 10%
NOTES:
2606 tbl 03
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. This parameter is guaranteed but not tested.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
—
—
0.8
V
II H
Input HIGH Current
VCC = Max.
VI = VCC
——
5
µA
VI = 2.7V
—
—
5(4)
II L
Input LOW Current
VI = 0.5V
—
—
–5(4)
VI = GND
—
—
–5
IOZH
Off State (High Impedance)
VCC = Max.
VO = VCC
——10
µA
Output Current
VO = 2.7V
—
—
10(4)
IOZL
VO = 0.5V
—
—
–10(4)
VO = GND
—
—
–10
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
—
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VO = GND
–60
–120
—
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
—V
VCC = Min.
IOH = –300
µAVHC
VCC
—
VIN = VIH or VIL
IOH = –12mA MIL.
2.4
4.3
—
IOH = –15mA COM'L.
2.4
4.3
—
VOL
Output LOW Voltage
VCC = 3V, VIN = VLC or VHC, IOL = 300
µA
—
GND
VLC
V
VCC = Min.
IOL = 300
µA
—
GND
VLC(4)
VIN = VIH or VIL
IOL = 48mA MIL.
—
0.3
0.55
IOL = 64mA COM'L.
—
0.3
0.55



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com