Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240CDB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT240CDB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240CDB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT240CDB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240CDB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IDT54/74FCT240/241/244/540/541/A/C
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.8
5
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
NOTES:
2606 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
VIN
≥ VHC; V IN ≤ VLC
—
0.2
1.5
mA
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
—
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
OEA = OEB = GND or
OEA = GND,
OEB = VCC
One Input Toggling
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
—
0.15
0.25
mA/
MHz
IC
Total Power Supply Current (6)
VCC = Max.
Outputs Open
fi = 10MHz
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
(FCT)
—
1.7
4.0
mA
OEA = OEB = GND or
OEA = GND,
OEB = VCC
One Bit Toggling
VIN = 3.4V
VIN = GND
—
2.0
5.0
VCC = Max.
Outputs Open
fi = 5MHz
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
(FCT)
—
3.2
6.5(5)
OEA = OEB = GND or
OEA = GND,
OEB = VCC
Eight Bits Toggling
VIN = 3.4V
VIN = GND
—
5.2
14.5(5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com