Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV11/12-HS-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV11/12-HS-R
Description  AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV11/12-HS-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFV11/12-HS-R Datasheet HTML 1Page - Hongfa Technology HFV11/12-HS-R Datasheet HTML 2Page - Hongfa Technology HFV11/12-HS-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AedjWYj WhhWd][c[dj
I_d2 YedjWYj beWZ
Cb[Yjh_YWb [dZkhWdY[
I[Y^Wd_YWb [dZkhWdY[
R_XhWj_ed
h[i_ijWdY[ 9/
5?
Pof2> 74cR .Wj 54?/
IWn2> 694cR .Wj 54?/
64?
IWa[ .JK/> 544? 6/
@h[Wa .JK/> 74? .Wj 5729RBA/
5? :RBA
O[[ +AKJP?AP B?P?+
5n54: KLO 744KLO3c_d
544I .Wj 944RBA/
X[jm[[d YedjWYji> 944R?A
X[jm[[d Ye_b - YedjWYji> 944R?A
Pof2> 9ci .Wj dec_2 leb2/
IWn2> 54ci .Wj dec_2 leb2/
Pof2> 7ci
IWn2> 54ci
P[hc_dWj_ed
AedijhkYj_ed
Qd_j m[_]^j
B_[b[Yjh_Y ijh[d]j^ 7/
54Fp je 84Fp 526;cc B?
84Fp je ;4Fp 8=c3i6
;4Fp je 544Fp 429cc B?
544Fp je 944Fp =<c3i6
5=:c3i6
QH=81F@ eh X[jj[h .c[[ji DIROO 746/
62<cc MA
LbWij_Y i[Wb[Z0 Dbkn fhee\[Z
?ffhen2 55]
Yel[h h[j[dj_ed .fkbb - fki^/> 644J c_d2
j[hc_dWb h[j[dj_ed .fkbb - fki^/> 544J c_d2
j[hc_dWb h[i_ijWdY[ je X[dZ_d]
.\hedj - i_Z[/> 54J c_d2 ;/
,?<IJG?H
RebjW][ Zhef ._d_j_Wb/
FKJED? NCH?U
GOK=4450 GOK3PO5:=8= 0 GOK584450 KFO?O5<4450 GCAM MA 4<4444 ACNPGDGCB
6458 N[l2 5245
IWn2im_jY^_d] Ykhh[dj
545
N[b[Wi[ j_c[ 8/
5/ Deh JK YedjWYji0 c[Wikh[Z m^[d Wffbo_d] 544, hWj[Z lejW][ ed Ye_b2
6/ Gdhki^ f[Wa Ykhh[dj kdZ[h bWcf beWZ0 Wj 5729RBA2
7/ 5c_d0 b[WaW][ Ykhh[dj b[ii j^Wd 5c?2
8/ P^[ lWbk[ _i c[Wikh[Z m^[d lebjW][ Zhefi ikZZ[dbo \hec dec_dWb
lebjW][ je 4RBA WdZ Ye_b _i dej fWhWbb[b[Z m_j^ ikffh[ii_ed Y_hYk_j2
9/ S^[d [d[h]_p[Z0 ef[d_d] j_c[ e\ JK YedjWYji i^Wbb dej [nY[[Z 544ri2
:/ DIROO> D[Z[hWb Iejeh R[^_Yb[ OW\[jo OjWdZWhZ2
;/ P[ij fe_dj _i Wj 6cc WmWo \hec j[c_dWb [dZ0 WdZ W\j[h h[cel_d] j[ij_d]
\ehY[0 j^[ j[hc_dWb jhWdi\_]khWj_ed i^Wbb dej [nY[[Z 429cc2
7LFA=<B }FFBA=<IAEDH
5/ HeWZi c[dj_ed[Z _d j^_i Y^Whj _i \eh h[bWoi m_j^ de fWhWbb[b Z_eZ[ eh V[d[h B_eZ[2 Deh j^ei[ m_j^ fWhWbb[b Z_eZ[0 V[d[h B_eZ[ eh ej^[h
Yecfed[dji0 fb[Wi[ YedjWYj Fed]\W \eh ceh[ j[Y^d_YWb ikffehji2
Lb[Wi[ Wbie YedjWYj Fed]\W _\ j^[ WYjkWb Wffb_YWj_ed beWZ _i Z_\\h[dj \hec m^Wj c[dj_ed[Z WXel[Z2
184 je 569
HeWZ
lebjW][
HeWZ jof[
Kd3K\\ hWj_e
Kd
i
K\\
i
AedjWYj
cWj[h_Wb
N[i_ij_l[
IWa[
@h[Wa
IWa[
@h[Wa
IWa[
@h[Wa
Cb[Yjh_YWb
[dZkhWdY[
KLO
5?
64
64
84
64
544
64
HeWZ Ykhh[dj ?
GdZkYj_l[
529s549
66
5s549
6
6
?]OdK6
?]OdK6
6
6
529s549
?]OdK6
HWcf
DbWccWX_b_jo :/
?cX_[dj
j[cf2
O[[
?cX_[dj
P[cf2
Akhl[
.,9zz
x I_d_Wjkh_p[Z fWYaW][> .592: n 5926 n 5:28/ cc
x Cnj[dZ[Z j[cf[hWjkh[ hWd][> 184 je 569
x 5 Dehc ? YedjWYj WhhWd][c[dj
x 62<cc MA j[hc_dWbi WlW_bWXb[
x NeFO - CHR Yecfb_Wdj
}873137/9+ 5+0};
~.}5}~7+5/67/~6
F[WZb_]^j Yedjheb0 Dk[b fkcf Yedjheb0 Fehd Yedjheb0
?3A Yecfh[iieh YbkjY^
~327}~7*}7} 5/
O^eYa h[i_ijWdY[ 9/
IWn2Yedj_dkeki Ykhh[dj 5/
Kf[hWj[ j_c[
Gd_j_Wb _dikbWj_ed h[i_ijWdY[
JK
5729RBA
I[Y^Wd_YWb ZWjW
?cX_[dj j[cf[hWjkh[


Similar Part No. - HFV11/12-HS-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV11/12-HSRXXX HONGFA-HFV11/12-HSRXXX Datasheet
46Kb / 2P
AUTOMOTIVE RELAY
HFV11/12-HSXXX HONGFA-HFV11/12-HSXXX Datasheet
46Kb / 2P
AUTOMOTIVE RELAY
More results

Similar Description - HFV11/12-HS-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
logo
EXCEL CELL ELECTRONIC C...
ETRJM ECE-ETRJM Datasheet
228Kb / 3P
AUTOMOTIVE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com