Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV11/12-HS-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV11/12-HS-R
Description  AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV11/12-HS-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFV11/12-HS-R Datasheet HTML 1Page - Hongfa Technology HFV11/12-HS-R Datasheet HTML 2Page - Hongfa Technology HFV11/12-HS-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
~JHIEC?G HF?=A<B =E>?
546
.TTT/
56
56
;26
;26
526
526
599
599
42=9
525
111
5444
111
579
n.5 54,/
n.5 9,/
~EDHIGJ=IAED
6| LbWij_Y i[Wb[Z
2AB| Bkij fhej[Yj[Z
Kkjb_d[ B_c[di_edi
S_h_d] B_W]hWc
.@ejjec l_[m/
N
6.<9/
5.<:/
9.<;/
7.74/
5> LWhWbb[b jhWdi_[dj ikfh[ii_ed h[i_ijehi 2AB> S_j^ekj fWhWbb[b Yecfed[dji
N[cWha> P[hc_dWb l[hj_YWb Z[l_Wj_ed jeb[hWdY[ _i 427cc2
FDR55 3
56
1F
1N
~EAB KEBI<@?
z{> 56RBA
LWhWbb[b
h[i_ijWdY[
Cgk_lWb[dj
h[i_ijWdY[
Ae_b
h[i_ijWdY[
Jec_dWb
lebjW][
RBA
L_Ya1kf
lebjW][
RBA
cWn2
Bhef1ekj
lebjW][
RBA
c_d2
Lem[h
Yedikcfj_ed
S
~3/0 *}7}
35*+5/2- /2,351}7/32
7LF?
~EDI<=I <GG<D@?C?DI
.> 5 Dehc ?
Wj 67
3870/2+ */1+26/326 }2* :/5/2- */}-5}1
O
Qd_j> cc
592: 429
<25 426
62< 426
;2< 426
42< 4249
5926 429
9
6
5
7
4<G<BB?B =EAB
=ECFED?DIH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com