Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV15/12-Z1TJ-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV15/12-Z1TJ-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV15/12-Z1TJ-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFV15/12-Z1TJ-R Datasheet HTML 1Page - Hongfa Technology HFV15/12-Z1TJ-R Datasheet HTML 2Page - Hongfa Technology HFV15/12-Z1TJ-R Datasheet HTML 3Page - Hongfa Technology HFV15/12-Z1TJ-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
<=
Scj^f m`ndno\i^` ;1 ?1
T`mhdi\odji
Djinomp^odji
8?:h5n8
UL?:3IC jm ]`oo`m 0h``on GMVSS 9681
QD
Epno kmjo`^o`_
Bkkmjs4 9;b
cjpndib m`o`iodji 0kpgg . kpnc1@ 866N hdi4
o`mhdi\g m`o`iodji 0kpgg . kpnc1@ 766N hdi4
o`mhdi\g m`ndndo\i^` oj ]`i_dib
0amjio . nd_`1@ 76N hdi4>1
71 Gjm NO ^jio\^on2 h`\npm`_ rc`i \kkgtdib 766- m\o`_ qjo\b` ji ^jdg4
Gjm ND ^jio\^on2 h`\npm`_ rc`i \kkgtdib u`mj qjgo\b` ji ^jdg4
81 Jimpnc k`\f ^pmm`io pi_`m g\hk gj\_2 \o 794;VED4
91 7hdi2 g`\f\b` ^pmm`io g`nn oc\i 7hB4
:1 Tc` q\gp` dn h`\npm`_ rc`i qjgo\b` _mjkn np__`igt amjh ijhdi\g
qjgo\b` oj 6 VED \i_ ^jdg dn ijo k\m\gg`g`_ rdoc npkkm`nndji ^dm^pdo4
;1 Wc`i `i`mbdu`_2 jk`idib odh` ja NO ^jio\^on nc\gg ijo `s^``_ 7hn2
rc`i iji3`i`mbdu`_2 jk`idib odh` ja ND ^jio\^on nc\gg ijo `s^``_
7hn2 h`\iodh`2 NO ^jio\^on nc\gg ijo ]` ^gjn`_4
<1 GMVSS@ G`_`m\g Mjojm V`cd^g` S\a`ot So\i_\m_4
=1 Oigt q\gd_ ajm QD q`mndji4
>1 T`no kjdio dn \o 8hh \r\t amjh o`hdi\g `i_2 \i_ \ao`m m`hjqdib o`nodib
ajm^`2 oc` o`mhdi\g om\inadbpm\odji nc\gg ijo `s^``_ 64;hh4
?1 Oigt ajm oc` 78VED ^jdg qjgo\b` otk` \o mjjh o`hk`m\opm`4
9OID@?E ~IIED@?LDHGK
Vjgo\b` _mjk 0didod\g1
7B2 7D
NO@Ttk486hV28;6hV h\s40\o 76B1
ND@Ttk496hV28;6hV h\s40\o 76B1
NO@ <6B 0\o 89 1
ND@ :;B 0\o 89 1
M\f` 0NO1@ 7;6B 81
Cm`\f 0NO1@ :6B 0R`ndnodq`2 794;VED1
7B <VED
S`` +DONTBDT EBTB+
7s76<OPS 0966OPS5hdi1
766M 0\o ;66VED1
;66VBD
M\s4@ 76hn 0\o ijhd4 qjg41
M\s4@ 76hn :1
3:6 oj 78;
;Iu oj 8849Iu 76hh EB
8849Iu oj ;66Iu ?>h5n8
-B?LMJBK
Uido r`dbco
M\s4 ^jiodipjpn ^pmm`io 71?1
M\s4 nrdo^cdib ^pmm`io ?1
Gg\hh\]dgdot <1
IONHGB RFLBY
JSO?6672 JSO5TS7<?:? 2 JSO7:6672 OISBS7>6672 JFDQ QD 6>6666 DFRTJGJFE
867: R`q4 7467
L\hk 71
R`ndnodq`
M\f`
Cm`\f
M\f`
Cm`\f
M\f`
Cm`\f
7w76;
7;6 81
7w76;
7;6 81
Ji_p^odq`
7w76;
7B
Lj\_
qjgo\b`
Lj\_ otk`
Djio\^o
h\o`md\g
Lj\_ rdmdib
_d\bm\h :1
7D
Lj\_ ^pmm`io B
Fg`^omd^\g
`i_pm\i^` 91
OPS
Bh]d`io
o`hk4
Oi5Oaa m\odj
Oi
n
Oaa
n
S``
_d\bm\h 7
S``
_d\bm\h 8
S``
_d\bm\h 9
S``
Bh]d`io
T`hk4
Dpmq`
:6
:6
88
96
96
:6
:6
88
96
96
>6
99
>6
99
88
333
333
:6
86
/-;{}
~:953590;, 7,2~=
*/~7~*9,70890*8
Djio\^o \mm\ib`h`io
Mdi4 ^jio\^o gj\_
Fg`^omd^\g `i_pm\i^`
M`^c\id^\g `i_pm\i^`
Jidod\g dinpg\odji m`ndno\i^`
S :6B nrdo^cdib ^\k\]dgdot
S 7 Gjmh B . 7 Gjmh D ^jio\^o \mm\ib`h`io
S RjIS . FLV ^jhkgd\io
S Pdi \nndbih`io ndhdg\m oj JSO =;>> k\mo 7
Gjb g\hk . c`\_gdbco ^jiomjg2 R`\m rdi_jr _`ajbb`m2
Bdm3^ji_dodjidib2 Gp`g kphk ^jiomjg2 Djjgdib a\i ^jiomjg2
C\oo`mt _dn^jii`^odji _`qd^`2 So\m 5 nojk ^jiomjg
*549~*9 +~9~;1
M`^c\id^\g _\o\ =1
Ed`g`^omd^ nom`iboc 91
Ok`m\o` odh` ?1
R`g`\n` odh` ?1
Bh]d`io o`hk`m\opm`
Vd]m\odji m`ndno\i^` ;1 ?1
BbSiO8
BbSiO8
BbSiO8
NO
ND
NO
794;VED


Similar Part No. - HFV15/12-Z1TJ-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV15/12-SH1STJ-D HONGFA-HFV15/12-SH1STJ-D Datasheet
2Mb / 5P
AUTOMOTIVE RELAY
HFV15/12-SH1STJ-D1 HONGFA-HFV15/12-SH1STJ-D1 Datasheet
2Mb / 5P
AUTOMOTIVE RELAY
HFV15/12-SH1STJ-R HONGFA-HFV15/12-SH1STJ-R Datasheet
2Mb / 5P
AUTOMOTIVE RELAY
HFV15/12-SH1STJ-R1 HONGFA-HFV15/12-SH1STJ-R1 Datasheet
2Mb / 5P
AUTOMOTIVE RELAY
More results

Similar Description - HFV15/12-Z1TJ-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com