Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFV15/12-Z1TJ-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV15/12-Z1TJ-R
Description  AUTOMOTIVE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV15/12-Z1TJ-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFV15/12-Z1TJ-R Datasheet HTML 1Page - Hongfa Technology HFV15/12-Z1TJ-R Datasheet HTML 2Page - Hongfa Technology HFV15/12-Z1TJ-R Datasheet HTML 3Page - Hongfa Technology HFV15/12-Z1TJ-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
<>
71 Tc` gj\_ di oc` o\]g` `s^gp_`n ag\nc`m4 Wc`i \kkgd`_ di ag\nc`m2 \ nk`^d\g ndgq`m \ggjt 0BbSiO81 ^jio\^o h\o`md\g ncjpg_ ]` pn`_ \i_ oc` ^pnojh`m
nk`^d\g ^j_` ncjpg_ ]` 07=61 \n \ npaads4 Pg`\n` c``_ oc` \ij_` \i_ ^\ocj_`/n m`lp`no rc`i rdm`_2 o`mhdi\g 96 ncjpg_ ^jii`^o rdoc \ij_`4
81 Djmm`nkji_n oj oc` k`\f dimpnc ^pmm`io ji didod\g \^op\odji 0^jg_ adg\h`io14
91 B gjr m`ndnodq` jm _dj_` npkkm`nndji _`qd^` di k\m\gg`g oj oc` m`g\t ^jdg di^m`\n`n oc` m`g`\n` odh` \i_ m`_p^`n oc` gda` odh` ^\pn`_ ]t di^m`\n`_
`mjndji \i_ 5 jm cdbc`m mdnf ja ^jio\^o r`g_dib4
:1 Tc` gj\_ rdmdib _d\bm\hn \m` gdno`_ ]`gjr 0R\odibn ja NO2 ND \m` o`no`_ ]\n`_ ji _daa`m`io n\hkg`n n`k`m\o`gt1 @
;1 Lj\_n h`iodji`_ di ocdn ^c\mo dn ajm m`g\tn rdoc ij k\m\gg`g _dj_` jm Z`i`m Edj_`4 Gjm ocjn` rdoc k\m\gg`g _dj_`2 Z`i`m Edj_` jm joc`m ^jhkji`ion2
kg`\n` ^jio\^o Ijiba\ ajm hjm` o`^cid^\g npkkjmon4
Pg`\n` \gnj ^jio\^o Ijiba\ da oc` \^op\g \kkgd^\odji gj\_ dn _daam`io amjh rc\o h`iodji`_ \]jq`_4
*MKLHFBJ KIB@D?E @HAB
0XXX1
=48
=48
71 Ja oc` nrdo^c3jaa k`\f qjgo\b` ja ^jdg dn m`lpdm`_ oj ]` nh\gg`m oc\i 766V2 R7 nc\gg ]` pn`_ 0h`\npm`_ qjgo\b` ja 78V dn 794;V1A
Ja k\m\gg`g _dj_`2 Z`i`m Edj_` jm joc`m ^jhkji`ion \m` m`lpdm`_2 kg`\n` ^jio\^o Ijiba\ ajm hjm` o`^cid^\g npkkjmon4
\o 89
\o >;
78
78
748
748
?6
?6
333
<>6
333
=?4;
74<
74>
71 M\s4 \ggjr\]g` jq`m_mdq` qjgo\b` dn no\o`_ rdoc ij gj\_ \kkgd`_4
81 Jggpnom\o`_ rdoc oc` otk` rdoc k\m\gg`g m`ndnojm 0<>6 2 78V14
M\s4 \ggjr\]g` jq`m_mdq`
qjgo\b` 71 VED
s07 76-1
s07 ;-1
7@ P\m\gg`g om\ind`io npkm`nndji m`ndnojmn0<>6 2 78V1
7{@ P\m\gg`g om\ind`io npkm`nndji m`ndnojmn0;<6 2 78V1
+@ P\m\gg`g om\ind`io npkm`nndji _dj_`2 rdoc \ij_` ^jii`^o`_ oj o`mhdi\g,>;
+{@ P\m\gg`g om\ind`io npkm`nndji _dj_`2 rdoc \ij_` ^jii`^o`_ oj o`mhdi\g,><
_d\bm\h 8
96
>=
[
L\hk
8648
8648
7;4=
7;4=
P\m\gg`g
m`ndno\i^` 81
Flpdq\g`io
m`ndno\i^`
Djdg
m`ndno\i^`
Njhdi\g
qjgo\b`
VED
Pd^f3pk
qjgo\b`
VED
h\s4
Emjk3jpo
qjgo\b`
VED
hdi4
Pjr`m
^jinphkodji
W
*502 +~9~
\o 89
IGV7; 5
78
7 T
3Z
3R
*HGL?@L ?JJ?GCBFBGL
/@ 7 Gjmh B
>@ 7 Gjmh D
*HDE NHEL?CB
{|@ 78VED
*HGL?@L F?LBJD?E
9@ BbSiO8
57+,704. 04-573~9054
9OIB
`4b4 07=61 no\i_n ajm ag\nc`m gj\_
;BJKDHG
{@ QD T`mhdi\g
9BJFDG?E
1@ QD T`mhdi\g rdocjpo cjg`
K
_d\bm\h 7
96
>=
>=\
R`ndnodq`
R
96
>=
R`ndnodq`
>=\
R
6?J?EEBE @HDE 71
@HFIHGBGLK
Ji_p^odq`
_d\bm\h 9
96
>=
>=\
96
>= >=\
Ji_p^odq`



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com