Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS80196CB Datasheet(PDF) 2 Page - Intel Corporation

Part # AS80196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS80196CB Datasheet(HTML) 2 Page - Intel Corporation

  AS80196CB Datasheet HTML 1Page - Intel Corporation AS80196CB Datasheet HTML 2Page - Intel Corporation AS80196CB Datasheet HTML 3Page - Intel Corporation AS80196CB Datasheet HTML 4Page - Intel Corporation AS80196CB Datasheet HTML 5Page - Intel Corporation AS80196CB Datasheet HTML 6Page - Intel Corporation AS80196CB Datasheet HTML 7Page - Intel Corporation AS80196CB Datasheet HTML 8Page - Intel Corporation AS80196CB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
87C196CA87C196CB
The MCS 96 microcontroller family members are all high-performance microcontrollers with a 16-bit CPU The
87C196CB is composed of the high-speed (20 MHz) macrocore with up to 16 Mbyte linear address space 56
Kbytes of program EPROM up to 15 Kbytes of register RAM and up to 512 bytes of code RAM (16-bit
addressing modes) with the ability to execute from this RAM space It supports the high-speed serial commu-
nications protocol CAN 20 with 15 message objects of 8 bytes data length an 8-channel 10-bit3LSB
analog to digital converter with programmable SH times and conversion times k 20 ms at 20 MHz It has an
asynchronoussynchronous serial IO port (SIO) with a dedicated 16-bit baud rate generator an additional
synchronous serial IO port (SSIO) with full duplex masterslave transceivers a flexible timercounter struc-
ture with prescaler cascading and quadrature capabilities There are ten modularized multiplexed high-
speed IO for capture and compare (called Event Processor Array) with 200 ns resolution and double buffered
inputs and a sophisticated prioritized interrupt structure with programmable Peripheral Transaction Server
(PTS) implementing several channel modes including singleburst block transfers from any memory location
to any memory location a PWM and PWM toggle mode to be used in conjunction with the EPA and an AD
scan mode
NOTICE
This is an advance information data sheet The AC and DC parameters contained within this data
sheet may change after full automotive temperature characterization of the device has been per-
formed Contact your local sales office before finalizing the timing and DC characteristics of a design
to verify you have the latest information
272405 – 30
Figure 1 8XC196CB Block Diagram
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com