Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS80196CB Datasheet(PDF) 22 Page - Intel Corporation

Part # AS80196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS80196CB Datasheet(HTML) 22 Page - Intel Corporation

Back Button AS80196CB Datasheet HTML 18Page - Intel Corporation AS80196CB Datasheet HTML 19Page - Intel Corporation AS80196CB Datasheet HTML 20Page - Intel Corporation AS80196CB Datasheet HTML 21Page - Intel Corporation AS80196CB Datasheet HTML 22Page - Intel Corporation AS80196CB Datasheet HTML 23Page - Intel Corporation AS80196CB Datasheet HTML 24Page - Intel Corporation AS80196CB Datasheet HTML 25Page - Intel Corporation AS80196CB Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
87C196CA87C196CB
AC CHARACTERISTICSSLAVE PORT (Continued)
SLAVE PORT WAVEFORM(SLPL e 1)
272405 – 22
SLAVE PORT TIMING(SLPL e 1 2 3)
Symbol
Parameter
Min
Max
Units
TSELLL
CS Low to ALE Low
20
ns
TSRHEH
RD or WR High to CS High
60
ns
TSLLRL
ALE Low to RD Low
TOSC
ns
TSRLRH
RD Low Period
TOSC
ns
TSWLWH
WR Low Period
TOSC
ns
TSAVLL
Address Valid to ALE Low
20
ns
TSLLAX
ALE Low to Address Invalid
20
ns
TSRLDV
RD Low to Output Data Valid
60
ns
TSDVWH
Input Data Setup to WRHigh
20
ns
TSWHQX
WR High to Data Invalid
30
ns
TSRHDZ
RD High to Data Float
15
ns
NOTES
1 Test Conditions FOSC e 20 MHz TOSC e 60 ns RiseFall Time e 10 ns Capacitive Pin Load e 100 pF
2 These values are not tested in production and are based upon theoretical estimates andor laboratory tests
3 Specifications above are advanced information and are subject to change
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com