Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196 Datasheet(PDF) 13 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 9Page - Intel Corporation 87C196 Datasheet HTML 10Page - Intel Corporation 87C196 Datasheet HTML 11Page - Intel Corporation 87C196 Datasheet HTML 12Page - Intel Corporation 87C196 Datasheet HTML 13Page - Intel Corporation 87C196 Datasheet HTML 14Page - Intel Corporation 87C196 Datasheet HTML 15Page - Intel Corporation 87C196 Datasheet HTML 16Page - Intel Corporation 87C196 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
87C196KRKQ 87C196JVJT 87C196JRJQ
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TXLXL
Oscillator Frequency
40
16
MHz
TXLXL
Oscillator Period (TOSC)
625
250
ns
TXHXX
High Time
035 TOSC
065 TOSC
ns
TXLXX
Low Time
035 TOSC
065 TOSC
ns
TXLXH
Rise Time
10
ns
TXHXL
Fall Time
10
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
270827 – 7
AC TESTING INPUT OUTPUT WAVEFORMS
270827 – 8
NOTE
AC Testing Inputs are driven at 35V for a logic ‘‘1’’ and
045V for a logic ‘‘0’’ Timing measurements are made
at 20V for a logic ‘‘1’’ and 08V for logic ‘‘0’’
FLOAT WAVEFORMS
270827 – 9
NOTE
For timing purposes a port pin is no longer floating
when a 150 mV change from load voltage occurs and
begins to float when a 150 mV change from the loading
VOH VOL level occurs IOL IOH s 15 mA
THERMAL CHARACTERISTICS
Device and Package
iJA
iJC
AN87C196KRKQ
41 CW
14 CW
(68-Lead PLCC)
AN87C196JVJTJRJQ
42 CW
15 CW
(52-Lead PLCC)
NOTES
1 iJA e Thermal resistance between junction and the surround-
ing environment (ambient) Measurements are taken 1
ft away from case in air flow environment
iJC e Thermal resistance between junction and package sur-
face (case)
2 All values of iJA and iJC may fluctuate depending on the en-
vironment (with or without airflow and how much airflow) and
device power dissipation at temperature of operation Typical
variations are g2 CW
3 Values listed are at a maximum power dissipation of 050W
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com