Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196 Datasheet(PDF) 21 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 17Page - Intel Corporation 87C196 Datasheet HTML 18Page - Intel Corporation 87C196 Datasheet HTML 19Page - Intel Corporation 87C196 Datasheet HTML 20Page - Intel Corporation 87C196 Datasheet HTML 21Page - Intel Corporation 87C196 Datasheet HTML 22Page - Intel Corporation 87C196 Datasheet HTML 23Page - Intel Corporation 87C196 Datasheet HTML 24Page - Intel Corporation 87C196 Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
87C196KRKQ 87C196JVJT 87C196JRJQ
52-LEAD DEVICES
Intel offers 52-lead versions of the 87C196KR de-
vice the 87C196JVJTJRJQ devices The first
samples and production units use the 87C196KR die
and bond it out in a 52-lead package
It is important to point out some functionality differ-
ences because of future devices or to remain soft-
ware consistent with the 68-lead device Because of
the absence of pins on the 52-lead device some
functions are not supported
52-Lead Unsupported Functions
Analog Channels 0 and 1
INST Pin Functionality
SLPINT Pin Support
HLD HLDA Functionality
External ClockingDirection of Timer1
WRH or BHE Functions
Dynamic Buswidth
Dynamic Wait State Control
The following is a list of recommended practices
when using the 52-lead device
(1) External Memory Use an 8-bit bus mode only
There is neither a WRH or BUSWIDTH pin The
bus cannot dynamically switch from 8- to 16-bit
or vice versa Set the CCB bytes to an 8-bit only
mode using WR function only
(2) Wait State Control Use the CCB bytes to con-
figure the maximum number of wait states If the
READY pin is selected to be a system function
the device will lockup waiting for READY If the
READY pin is configured as LSIO (default after
RESET) the internal logic will receive a logic
‘‘0’’ level and insert the CCB defined number of
wait states in the bus cycle DON’T USE IRC e
‘‘111’’
(3) NMI Support The NMI is not bonded out Make
the NMI vector at location 203Eh vector to a
Return instruction This is for glitch safety pro-
tection only
(4) Auto-Programming Mode The 52-lead device
will ONLY support the 16-bit zero wait state bus
during auto-programming
(5) EPA4 through EPA7 Since the JR and JQ de-
vices use the KR silicon these functions are in
the device just not bonded out A programmer
can use these as compare only channels or for
other functions like software timer start an AD
conversion or reset timers
(6) Slave Port Support The Slave port cannot be
easily
used
on
52-lead
devices
due
to
P54SLPINT and P51SLPCS not being bond-
ed-out
(7) Port Functions Some port pins have been re-
moved P57 P56 P55 P51 P62 P63 P14
through P17 P23 P25 P00 and P01 The
PxREG PxSSEL and PxIO registers can still be
updated and read The programmer should not
use the corresponding bits associated with the
removed port pins to conditionally branch in
software Treat these bits as RESERVED
Additionally these port pins should be setup in-
ternally by software as follows
1 Written to PxREG as ‘‘1’’ or ‘‘0’’
2 Configured as PushPull PxIO as ‘‘0’’
3 Configured as LSIO
This configuration will effectively strap the pin
either high or low
DO NOT Configure as
Open Drain output ‘’1’’ or as an Input pin
This device is CMOS
87C196KRKQJVJTJRJQ ERRATA
1 VOH2 IOH2 Specification (Note C)
In the DC Characteristics section of this data-
sheet VOH2 indicates the strength of the internal
weak pullups that are active during and after re-
set until the user writes to the PxMODE register
C-step devices do not meet this specification
The new specification for C-step devices is VOH2
(min) e VCC b 1V at IOH2 eb6 mA Note that
JRJQ D-step devices are not affected by this
errata and meet the published specification
2 1B00h – 1BDFh External Addressing
(Notes C D)
Affected devices cannot access external memory
locations 1B00h – 1BDFh A bus cycle does not
occur when these addresses are accessed If at-
tempting to read from 1B00h – 1BDFh a value of
FFh is returned even though a read cycle is not
generated Writing to these locations will not gen-
erate an external bus cycle either This errata has
been corrected on JV and JT devices
3 Port3 Push-Pull Operation (Note C)
If Port3 is operating as a push-pull LSIO (Low-
Speed IO) port and an addressdata bus cycle
occurs Port3 will continue to drive the address
data bus with its LSIO data during the bus cycle
It is rather unlikely that this errata would affect an
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com