Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240CSOB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT240CSOB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240CSOB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT240CSOB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IDT54/74FCT240/241/244/540/541/A/C
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.8
7
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
Pulse
Generator
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
PRESET
CLEAR
CLOCK ENABLE
ETC.
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
t SU
t H
t REM
H
t SU
R T
D.U.T.
VCC
VIN
C L
V OUT
50pF
500
Ω
500
Ω
7.0V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
VOL
tPLH
t PHL
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
V OL
V OH
3V
1.5V
0V
t PLH
tPHL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
t W
1.5V
1.5V
t
NOTES
2606 drw 10
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0 MHz; ZO ≤ 50Ω; tF ≤ 2.5ns;
tR
≤ 2.5ns.
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
DEFINITIONS:
2606 tbl 10
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com