Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240CSOB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT240CSOB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240CSOB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT240CSOB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240CSOB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.8
DSC-4610/3
®
FAST CMOS OCTAL
BUFFER/LINE DRIVER
IDT54/74FCT240/A/C
IDT54/74FCT241/A/C
IDT54/74FCT244/A/C
IDT54/74FCT540/A/C
IDT54/74FCT541/A/C
FEATURES:
• IDT54/74FCT240/241/244/540/541 equivalent to FASTTM
speed and drive
• IDT54/74FCT240A/241A/244A/540A/541A 25% faster
than FAST
• IDT54/74FCT240C/241C/244C/540C/541C up to 55%
faster than FAST
•IOL = 64mA (commercial) and 48mA (military)
• CMOS power levels (1mW typ. static)
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
• Meets or exceeds JEDEC Standard 18 specifications
FUNCTIONAL BLOCK DIAGRAMS
2529 cnv* 01–03
OEA
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
OEB
OA0
DB0
OA1
DB1
DB2
DB3
OA2
OA3
IDT54/74FCT240
OEA
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
OEB*
OA0
DB0
OA1
DB1
DB2
DB3
OA2
OA3
IDT54/74FCT241/244
*OEB for 241, OEB for 244
OEA
D0
OEB
O0*
D1
D2
D3
D4
D5
D6
D7
O1*
O2*
O3*
O4*
O5*
O6*
O7*
IDT54/74FCT540/541
*Logic diagram shown for 'FCT540.
'FCT541 is the non-inverting option.
241 Only
DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced
dual metal CMOS technology. The IDT54/74FCT240/A/C,
IDT54/74FCT241/A/C and IDT54/74FCT244/A/C are designed
to be employed as memory and address drivers, clock drivers
and bus-oriented transmitter/receivers which provide improved
board density.
The IDT54/74FCT540/A/C and IDT54/74FCT541/A/C are
similar in function to the IDT54/74FCT240/A/C and IDT54/
74FCT244/A/C, respectively, except that the inputs and out-
puts are on opposite sides of the package. This pinout
arrangement makes these devices especially useful as output
ports for microprocessors and as backplane drivers, allowing
ease of layout and greater board density.
2606 dwg 01–03
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.


Similar Part No. - IDT54FCT240CSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT240CTD IDT-IDT54FCT240CTD Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT240CTDB IDT-IDT54FCT240CTDB Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT240CTE IDT-IDT54FCT240CTE Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT240CTEB IDT-IDT54FCT240CTEB Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT54FCT240CTL IDT-IDT54FCT240CTL Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results

Similar Description - IDT54FCT240CSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244 IDT-IDT54FCT244 Datasheet
128Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com