Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3490 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 1 Page - Semtech Corporation

  GS3490 Datasheet HTML 1Page - Semtech Corporation GS3490 Datasheet HTML 2Page - Semtech Corporation GS3490 Datasheet HTML 3Page - Semtech Corporation GS3490 Datasheet HTML 4Page - Semtech Corporation GS3490 Datasheet HTML 5Page - Semtech Corporation GS3490 Datasheet HTML 6Page - Semtech Corporation GS3490 Datasheet HTML 7Page - Semtech Corporation GS3490 Datasheet HTML 8Page - Semtech Corporation GS3490 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
Proprietary & Confidential
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
Gennum Products
GS3490
Configurable Adaptive Cable
Equalizer/Cable Driver
www.semtech.com
Key Features
•
Connection to a single BNC connector as an adaptive
cable equalizer or cable driver
•
Performance and cable reach optimized for
SMPTE ST 424, SMPTE ST 292, and SMPTE ST 259 data
rates
•
Multi-rate operation from 125Mb/s to 2.97Gb/s in
Equalizer Mode and 270Mb/s to 2.97Gb/s in
Cable Driver Mode
•
Supports DVB-ASI at 270Mb/s
•
Integrated 100
Ω, differential digital data input/output
termination
•
Low power operation from a single 3.3V supply:
206mW typical power consumption in EQ mode
190mW typical power consumption in CD mode
•
Temperature range: -40°C to +85°C
•
32-pin 5mm x 5mm QFN package
Cable Equalizer Features
•
Integrated cable equalizer:
140m - 3G
260m - HD
500m - SD
•
Carrier detect with adjustable squelch threshold
•
Optional automatic power-down on loss of input
signal
Cable Driver Features
•
Selectable output slew rate cable driver for compliance
with SMPTE ST 424, SMPTE ST 292, and SMPTE ST 259
standards
Applications
•
SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
interfaces requiring switching between cable
equalizing or cable driving functionality
Description
The GS3490 features integrated adaptive cable equalizer
and cable driver functionality. The GS3490 can be
field-configured as a SMPTE compliant cable equalizer or a
SMPTE compliant cable driver.
The GS3490 is optimized for applications with limited I/O
space. With its configurable EQ and cable driver
functionality, the GS3490 can be utilized as a single-device
solution in applications where the interface connector can
be configured as either an input or output.
The GS3490's cable equalizer is optimized for operation at
2.97Gb/s, 1.485Gb/s and 270Mb/s while providing typical
cable reach of 140m at 2.97Gb/s, 260m at 1.485Gb/s and
500m at 270Mb/s.
In cable driver mode, the dual slew rate capability provides
compatibility to SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259 interfaces.
GS3490 Block Diagram
CD
EQ
SDI/SDO
CD
DDO
DDI
DDI
DDO


Similar Part No. - GS3490

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3490 GENNUM-GS3490 Datasheet
1Mb / 22P
Low power operation from a single
More results

Similar Description - GS3490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com