Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3490 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS3490
Description  Configurable Adaptive Cable Equalizer/Cable Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3490 Datasheet(HTML) 2 Page - Semtech Corporation

  GS3490 Datasheet HTML 1Page - Semtech Corporation GS3490 Datasheet HTML 2Page - Semtech Corporation GS3490 Datasheet HTML 3Page - Semtech Corporation GS3490 Datasheet HTML 4Page - Semtech Corporation GS3490 Datasheet HTML 5Page - Semtech Corporation GS3490 Datasheet HTML 6Page - Semtech Corporation GS3490 Datasheet HTML 7Page - Semtech Corporation GS3490 Datasheet HTML 8Page - Semtech Corporation GS3490 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
2 of 22
Proprietary & Confidential
www.semtech.com
Revision History
Contents
1. Pin Out .................................................................................................................................................................3
1.1 Pin Assignment ...................................................................................................................................3
1.2 Pin Descriptions ..................................................................................................................................3
2. Electrical Characteristics................................................................................................................................6
2.1 Absolute Maximum Ratings ...........................................................................................................6
2.2 DC Electrical Characteristics ...........................................................................................................6
2.3 AC Electrical Characteristics ............................................................................................................8
3. Input/Output Circuits.................................................................................................................................. 10
4. Detailed Description.................................................................................................................................... 13
4.1 Equalizer Mode ................................................................................................................................. 13
4.1.1 Equalizer Mode Enable...................................................................................................... 13
4.1.2 Serial Digital Inputs (SDI/SDI).......................................................................................... 13
4.1.3 Automatic (Adaptive) Cable Equalization .................................................................. 13
4.1.4 Carrier Detect (CD) .............................................................................................................. 14
4.1.5 Squelch Adjust (EQ_SQ_ADJ) ......................................................................................... 14
4.1.6 Differential Digital Data Outputs (DDO/DDO).......................................................... 14
4.1.7 Adjustable Output Swing, De-Emphasis and Mute (EQ_OP_CTL)..................... 15
4.2 Cable Driver Mode .......................................................................................................................... 16
4.2.1 Cable Driver Mode Enable................................................................................................ 16
4.2.2 Differential Digital Data Inputs (DDI/DDI) .................................................................. 16
4.2.3 Serial Data Outputs (SDO/SDO) ..................................................................................... 16
4.2.4 Slew Rate Selection (CD_SD_EN)................................................................................... 17
4.2.5 Output Amplitude (RSET)................................................................................................... 17
5. Application Information............................................................................................................................. 18
5.1 Typical Application Circuit ........................................................................................................... 18
5.2 PCB Layout ......................................................................................................................................... 18
6. Package & Ordering Information ............................................................................................................ 19
6.1 Package Dimensions ...................................................................................................................... 19
6.2 Packaging Data ................................................................................................................................ 20
6.3 Recommended PCB Footprint .................................................................................................... 20
6.4 Marking Diagram ............................................................................................................................. 21
6.5 Solder Reflow Profiles .................................................................................................................... 21
6.6 Ordering Information ..................................................................................................................... 21
Version
ECO
PCN
Date
Changes and/or Modifications
1
019093
—
April 2014
Converted to Final Data Sheet. Updated
Common Mode Voltage specifications.
0
015642
—
September 2013
Updated to Preliminary Data Sheet. Default
state of CD_ENABLE corrected.
B
011682
—
March 2013
Updates throughout the document.
A
158716
—
October 2012
New Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com