Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 32Page - Analog Devices AD5380_15 Datasheet HTML 33Page - Analog Devices AD5380_15 Datasheet HTML 34Page - Analog Devices AD5380_15 Datasheet HTML 35Page - Analog Devices AD5380_15 Datasheet HTML 36Page - Analog Devices AD5380_15 Datasheet HTML 37Page - Analog Devices AD5380_15 Datasheet HTML 38Page - Analog Devices AD5380_15 Datasheet HTML 39Page - Analog Devices AD5380_15 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
AD5380
UTILIZING THE AD5380 FIFO
The AD5380 FIFO mode optimizes total system update rates
in applications where a large number of channels need to be
updated. FIFO mode is only available when parallel interface
mode is selected. The FIFO EN pin is used to enable the FIFO.
The status of FIFO EN is sampled during the initialization
sequence. Therefore, the FIFO status can only be changed by
resetting the device. In a telescope that provides for the cancella-
tion of atmospheric distortion, for example, a large number of
channels need to be updated in a short period of time.
In such systems, as many as 400 channels need to be updated
within 40 µs. Four-hundred channels requires the use of 10
AD5380s. With FIFO mode enabled, the data write cycle time
is 40 ns; therefore, each group consisting of 40 channels can be
fully loaded in 1.6 µs. In FIFO mode, a complete group of 40
channels will update in 14.4 µs. The time taken to update all
400 channels is 14.4 µs + 9 × 1.6 µs = 28.8 µs. Figure 49 shows
the FIFO operation scheme.
Figure 49. Using FIFO Mode 400 Channels Updated in Under 30 µs
GROUP A
CHNLS 0–39
GROUP B
CHNLS 40–79
GROUP C
CHNLS
80–119
GROUP D
CHNLS
120–159
GROUP E
CHNLS
160–199
GROUP F
CHNLS
200–239
GROUP G
CHNLS
240–279
GROUP H
CHNLS
280–319
GROUP I
CHNLS
320–359
GROUP J
CHNLS
360–399
TIME TO UPDATE 400 CHANNELS = 28.8
µs
1.6
µs
14.4
µs
14.4
µs
1.6
µs
FIFO DATA LOAD
GROUP A
FIFO DATA LOAD
GROUP B
OUTPUT UPDATE
TIME FOR GROUP A
1.6
µs
14.4
µs
FIFO DATA LOAD
GROUP J
OUTPUT UPDATE
TIME FOR GROUP J
OUTPUT UPDATE
TIME FOR GROUP B
Rev. D | Page 39 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com