Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 17Page - Analog Devices AD5380_15 Datasheet HTML 18Page - Analog Devices AD5380_15 Datasheet HTML 19Page - Analog Devices AD5380_15 Datasheet HTML 20Page - Analog Devices AD5380_15 Datasheet HTML 21Page - Analog Devices AD5380_15 Datasheet HTML 22Page - Analog Devices AD5380_15 Datasheet HTML 23Page - Analog Devices AD5380_15 Datasheet HTML 24Page - Analog Devices AD5380_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
AD5380
Figure 21. AD5380-5 Output Amplifier Source and Sink Capability
Figure 22. Headroom at Rails vs. Source/Sink Current
Figure 23. REFOUT Noise Spectral Density
Figure 24. AD5380-3 Output Amplifier Source and Sink Capability
Figure 25. Adjacent Channel DAC-to-DAC Crosstalk
Figure 26. 0.1 Hz to 10 Hz Noise Plot
CURRENT (mA)
–40
–20
–10
–5
–2
0
2
5
10
20
40
–1
6
4
3
2
5
1
0
ZERO SCALE
1/4 SCALE
MIDSCALE
3/4 SCALE
FULL SCALE
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
ISOURCE/ISINK (mA)
2.00
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
–0.20
0.20
0.10
0.05
0.15
0
–0.05
–0.10
–0.15
AVDD = 5V
VREF = 2.5V
TA = 25°C
ERROR AT ZERO SINKING CURRENT
(VDD–VOUT) AT FULL-SCALE SOURCING CURRENT
FREQUENCY (Hz)
100k
100
1k
10k
0
600
500
400
300
200
100
AVDD = 5V
TA = 25°C
REFOUT DECOUPLED
WITH 100nF CAPACITOR
REFOUT = 2.5V
REFOUT = 1.25V
CURRENT (mA)
–40
–20
–10
–5
–2
0
2
5
10
20
–40
–1
6
4
3
2
5
1
0
ZERO SCALE
1/4 SCALE
MIDSCALE
3/4 SCALE
FULL SCALE
AVDD = DVDD = 3V
VREF = 1.25V
TA = 25°C
SAMPLE NUMBER
550
0
100
150
200
250
300
50
350
400
500
450
2.449
2.456
2.455
2.454
2.453
2.452
2.451
2.450
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
14ns/SAMPLE NUMBER
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
EXITS SOFT PD
TO MIDSCALE
AVDD = DVDD = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
EXTERNAL REFERENCE
Y AXIS = 5
µV/DIV
X AXIS = 100ms/DIV
Rev. D | Page 21 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com