Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC004FLSA Datasheet(PDF) 16 Page - Intel Corporation

Part # IMC004FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC004FLSA Datasheet(HTML) 16 Page - Intel Corporation

Back Button IMC004FLSA Datasheet HTML 12Page - Intel Corporation IMC004FLSA Datasheet HTML 13Page - Intel Corporation IMC004FLSA Datasheet HTML 14Page - Intel Corporation IMC004FLSA Datasheet HTML 15Page - Intel Corporation IMC004FLSA Datasheet HTML 16Page - Intel Corporation IMC004FLSA Datasheet HTML 17Page - Intel Corporation IMC004FLSA Datasheet HTML 18Page - Intel Corporation IMC004FLSA Datasheet HTML 19Page - Intel Corporation IMC004FLSA Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
PRINCIPLES OF DEVICE OPERATION
Individual 28F008SA devices include a Command
User Interface (CUI) and a Write State Machine
(WSM) to manage write and erase functions in each
device block
The CUI serves as the device’s interface to the Card
Control Logic by directing commands to the appro-
priate device circuitry (Table 4) It allows for fixed
power supplies during block erasure and data writes
The CUI handles the WE
interface into the device
data and address latches as well as system soft-
ware requests for status while the WSM is operating
The CUI itself does not occupy an addressable
memory location The CUI provides a latch used to
store the command and address and data informa-
tion needed to execute the command Erase Setup
and Erase Confirm commands require both appropri-
ate command data and an address within the block
to be erased The Data Write Setup command re-
quires both appropriate command data and the ad-
dress of the location to be written while the Data
Write command consists of the data to be written
and the address of the location to be written
The CUI initiates flash memory writing and erasing
operations only when VPP is at 12V Depending on
the application the system designer may choose to
make the VPP power supply switchable (available
when writes and erases are required) or hardwired to
VPPH When VPP e VPPL power savings are in-
curred and memory contents cannot be altered The
CUI architecture provides protection from unwanted
write and erase operations even when high voltage
is applied to VPP Additionally all functions are dis-
abled whenever VCC is below the write lockout volt-
age VLKO or when the card’s Deep-Sleep modes
are enabled The WSM automates the writing and
erasure of blocks within a device This on-chip state
machine controls block erase and data-write freeing
the host processor for other tasks After receiving
the Erase Setup and Erase Confirm commands from
the CUI the WSM controls block-erase Progress is
monitored via the device’s status register the card’s
control logic
and the RDYBSY
pin of the
PCMCIA interface Data-write is similarly controlled
after destination address and expected data are
supplied
Table 4 Device Command Set
28F008SA Command(1)
Cycles
Req’d
Bus
First Bus Ccyle
Second Bus Cycle
Operation Addr(2)
Data
Operation Addr(2)
Data
x8 Mode x16 Mode
x8 Mode x16 Mode
Read ArrayReset
1
Write
DA
FFH
FFFFH
Intelligent Identifer
3
Write
DA
90H
9090H
Read
IA
IID(3)
IID(3)
Read Device Status Register
2
Write
DA
70H
7070H
Read
DA
SRD(4)
SRD(4)
Clear Device Status Register
1
Write
DA
50H
5050H
Erase SetupErase Confirm
2
Write
BA
20H
2020H
Write
BA
D0H
D0D0H
Erase Suspend
2
Write
DA
B0H
B0B0H
Write
DA
D0H
D0D0H
Erase Resume
Write SetupWrite
2
Write
WA
40H
4040H
Write
WA
WD(5)
WD(5)
Alternate Write SetupWrite(6)
2
Write
WA
10H
1010H
Write
WA
WD(5)
WD(5)
NOTES
1 Commands other than those shown above are reserved by Intel for future device implementations and should not be
used
2 DA e A device-level (or device pair) address within the card
BA e Address within the block of a specific device (device pair) being erased
WA e Address of memory location to be written
IA e A device-level address 00H for manufacturer code 01 for device code
3 Following the intelligent identifier command two read operations access manufacturer (89H) and device codes (A2H)
4 SRD e Data read from Device Status Register
5 WD e Data to be written at location WA Data is latched on the rising edge of WE
6 Either 40H or 10H are recognized by the WSM as the Write Setup command
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com