Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC004FLSA Datasheet(PDF) 21 Page - Intel Corporation

Part # IMC004FLSA
Description  SERIES 2 FLASH MEMORY CARDS iMC002FLSA, iMC004FLSA, iMC010FLSA, iMC020FLSA
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMC004FLSA Datasheet(HTML) 21 Page - Intel Corporation

Back Button IMC004FLSA Datasheet HTML 17Page - Intel Corporation IMC004FLSA Datasheet HTML 18Page - Intel Corporation IMC004FLSA Datasheet HTML 19Page - Intel Corporation IMC004FLSA Datasheet HTML 20Page - Intel Corporation IMC004FLSA Datasheet HTML 21Page - Intel Corporation IMC004FLSA Datasheet HTML 22Page - Intel Corporation IMC004FLSA Datasheet HTML 23Page - Intel Corporation IMC004FLSA Datasheet HTML 24Page - Intel Corporation IMC004FLSA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
SERIES 2 FLASH MEMORY CARDS
290434 – 19
Bus
Command
x8 Mode
x16 Mode
Operation
Write
Erase
Data e 20H
Data e 2020H
Setup
Address e Block
Address e Block Pair
Within Card to be
Within Card to be
Erased
Erased
Write
Erase
Data e D0H
Data e D0D0H
Address e Block
Address e Block
Within Card to be
Pair Within Card to
Erased
be Erased
Read
Defaults to
Status Register
Status Register
Device Sta- Data Toggle OE
Data Toggle OE
or
tus Register CE1
or CE2
to
(CE1
and CE2 )
Read Mode
update Status
to update Status
Register
Register
Standby
Check SR Bit 7
Check SR Bits 7 and 15
1 e Ready
1 e Ready
0 e Busy
0 e Busy
FULL STATUS CHECK PROCEDURE
290434 – 20
Bus
Command
x8 Mode
x16 Mode
Operation
Standby
Check SR Bit 3
Check SR Bits
1 e VPP Detected
3 and 11
Low
Either Bit 1 e VPP
Detected Low
Standby
Check SR Bits 4 and 5 Check SR Bits 4 5
Both 1 e Command
12 13
Sequence Error
All 1 e Command
Sequence Error
Standby
Check SR Bit 5
Check SR Bits
1 e Block Erase
5 and 13
Error
Both 1 e Block
Erase Failure
Figure 14 Device-Level Automated Erase Algorithm
NOTES
1 Repeat for subsequent data writes
2 In addition the card’s READY-BUSY STATUS REGISTER or the RDYBSY
pin may be used
3 Full device-level status check can be done after each block erase or after a sequence of block erases
4 Write FFH (or FFFFH) after the last block erase operation to reset the device(s) to Ready Array Mode
5 If a block erase operation fails due to a low VPP (setting SR Bit 3) the Clear Status Register command MUST be issued
before further attempts are allowed by the Write State Machine
6 If a block erase operation fails during a multiple block erase sequence SR Bit 4 (Write Status) will not be cleared until the
Command User Interface receives the Clear Status Register command
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com