Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSTC40 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSTC40
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSTC40 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSTC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSTC40
Document Number: MSTC40
www.smsemi.com
Sep.06,2013
2
Electrical Characteristics
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VTM
T=25℃ ITM =120A
1.95
V
IRRM/IDRM
TVJ =TVJM ,VR=VRRM ,VD=VDRM
15
mA
VTO
For power-loss calculations only (TVJ =125℃)
1.0
V
rT
TVJ =TVJM
4.5
mΩ
VGT
TVJ =25℃ , VD =6V
2.5
V
IGT
TVJ =25℃ , VD =6V
150
mA
VGD
TVJ =125℃ , VD =2/3VDRM
0.25
V
IGD
TVJ =125℃ , VD =2/3VDRM
6
mA
IL
TVJ =25℃ , RG = 33 Ω
300
600
mA
IH
TVJ =25℃ , VD =6V
150
260
mA
tgd
TVJ =25℃, IG=1A, diG/dt=1A/us
1
us
tq
TVJ =TVJM
80
us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com