Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSTC40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSTC40
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSTC40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSTC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSTC40
Document Number: MSTC40
www.smsemi.com
Sep.06,2013
1
Module Type
Maximum Ratings
Thermal Characteristics
Thyristor/Diode Modules
VRRM / VDRM 800 to 1600V
ITAV
40Amp
Features
International standard package
High Surge Capability
Glass passivated chip
Simple Mounting
Heat transfer through aluminum oxide DCB
ceramic isolated metal baseplate
TYPE
VRRM
VRSM
MSTC40-08
MSTC40-12
MSTC40-16
800V
1200V
1600V
900V
1300V
1700V
Symbol
Conditions
Values
Units
ITAV
Sine 180
o;Tc=85℃
40
A
ITSM
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
1000
850
A
i
2t
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
5000
3600
A2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to 125
℃
Tstg
-40 to 125
℃
Mt
To terminals(M5)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
di/dt
TVJ= TVJM , 2/3VDRM ,IG =500mA
Tr<0.5us,tp>6us
150
A/us
dv/dt
TJ= TVJM ,2/3VDRM linear voltage rise
1000
V/us
a
Maximum allowable acceleration
50
m/s
2
Weight
Module(Approximately)
100
g
Symbol
Conditions
Values
Units
Rth(j-c)
Cont.;per thyristor / per module
0.65/0.33
℃
/W
Rth(c-s)
per thyristor / per module
0.2/0.1
℃
/W
Circuit
MSTC
1
3
2
4
7
5
6
Applications
Power Converters
Lighting Control
DC Motor Control and Drives
Heat and temperature control


Similar Part No. - MSTC40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSTC110 ETC2-MSTC110 Datasheet
399Kb / 4P
Thyristor/Diode Modules
MSTC110-08 ETC2-MSTC110-08 Datasheet
399Kb / 4P
Thyristor/Diode Modules
MSTC110-12 ETC2-MSTC110-12 Datasheet
399Kb / 4P
Thyristor/Diode Modules
MSTC110-16 ETC2-MSTC110-16 Datasheet
399Kb / 4P
Thyristor/Diode Modules
MSTC25 ETC2-MSTC25 Datasheet
398Kb / 4P
Thyristor/Diode Modules
More results

Similar Description - MSTC40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com