Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS80C88 Datasheet(PDF) 21 Page - Intersil Corporation

Part # LS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LS80C88 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button LS80C88 Datasheet HTML 17Page - Intersil Corporation LS80C88 Datasheet HTML 18Page - Intersil Corporation LS80C88 Datasheet HTML 19Page - Intersil Corporation LS80C88 Datasheet HTML 20Page - Intersil Corporation LS80C88 Datasheet HTML 21Page - Intersil Corporation LS80C88 Datasheet HTML 22Page - Intersil Corporation LS80C88 Datasheet HTML 23Page - Intersil Corporation LS80C88 Datasheet HTML 24Page - Intersil Corporation LS80C88 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
3-21
(32)
TCLMCL
MCE Inactive Delay (Note 13)
-
15
-
15
ns
CL = 100pF
for all 80C88 outputs
in addition to internal
loads.
(33)
TCLDV
Data Valid Delay
10
110
10
60
ns
(34)
TCLDX2
Data Hold Time
10
-
10
-
ns
(35)
TCVNV
Control Active Delay (Note 13)
5
45
5
45
ns
(36)
TCVNX
Control Inactive Delay (Note 13)
10
45
10
45
ns
(37)
TAZRL
Address Float to Read Active
0
-
0
-
ns
(38)
TCLRL
RD Active Delay
10
165
10
100
ns
(39)
TCLRH
RD Inactive Delay
10
150
10
80
ns
(40)
TRHAV
RD Inactive to Next Address Active
TCLCL
-45
-
TCLCL
-40
-ns
(41)
TCHDTL
Direction Control Active Delay
(Note 13)
-
50
-
50
ns
(42)
TCHDTH
Direction Control Inactive Delay
(Note 1)
-
30
-
30
ns
(43)
TCLGL
GT Active Delay
0
85
0
50
ns
(44)
TCLGH
GT Inactive Delay
0
85
0
50
ns
(45)
TRLRH
RD Width
2TCLC
L -75
-
2TCLC
L -50
-ns
(46)
TOLOH
Output Rise Time
-
15
-
15
ns
From 0.8V to 2.0V
(47)
TOHOL
Output Fall Time
-
15
-
15
ns
From 2.0V to 0.8V
NOTES:
13. Signal at 82C84A or 82C88 shown for reference only.
14. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
15. Applies only to T2 state (8ns into T3).
16. The 80C88 actively pulls the RQ/GT pin to a logic one on the following clock low time.
17. Status lines return to their inactive (logic one) state after CLK goes low and READY goes high.
AC Electrical Specifications
VCC = 5.0V ±10%; TA = 0
oC to +70oC (C80C88, C80C88-2)
VCC = 5.0V ±10%; TA = -40
oC to +85oC (I80C88, I80C88-2)
VCC = 5.0V ±10%; TA = -55
oC to +125oC (M80C88)
VCC = 5.0V ±5%;
TA = -55
oC to +125oC (M80C88-2) (Continued)
MAX MODE SYSTEM (USING 82C88 BUS CONTROLLER)
SYMBOL
PARAMETER
80C88
80C88-2
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com