Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS80C88 Datasheet(PDF) 30 Page - Intersil Corporation

Part # LS80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LS80C88 Datasheet(HTML) 30 Page - Intersil Corporation

Back Button LS80C88 Datasheet HTML 24Page - Intersil Corporation LS80C88 Datasheet HTML 25Page - Intersil Corporation LS80C88 Datasheet HTML 26Page - Intersil Corporation LS80C88 Datasheet HTML 27Page - Intersil Corporation LS80C88 Datasheet HTML 28Page - Intersil Corporation LS80C88 Datasheet HTML 29Page - Intersil Corporation LS80C88 Datasheet HTML 30Page - Intersil Corporation LS80C88 Datasheet HTML 31Page - Intersil Corporation LS80C88 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
3-30
RCR = Rotate Through Carry Right
1 1 0 1 0 0 v w
mod 0 1 1 r/m
AND = And:
Reg./Memory and Register to Either
0 0 1 0 0 0 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 0 w
mod 1 0 0 r/m
data
data if w = 1
Immediate to Accumulator
0 0 1 0 0 1 0 w
data
data if w = 1
TEST = And Function to Flags, No Result:
Register/Memory and Register
1 0 0 0 0 1 0 w
mod reg r/m
Immediate Data and Register/Memory
1 1 1 1 0 1 1 w
mod 0 0 0 r/m
data
data if w = 1
Immediate Data and Accumulator
1 0 1 0 1 0 0 w
data
data if w = 1
OR = Or:
Register/Memory and Register to Either
0 0 0 0 1 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 0 w
mod 1 0 1 r/m
data
data if w = 1
Immediate to Accumulator
0 0 0 0 1 1 0 w
data
data if w = 1
XOR = Exclusive or:
Register/Memory and Register to Either
0 0 1 1 0 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 0 w
mod 1 1 0 r/m
data
data if w = 1
Immediate to Accumulator
0 0 1 1 0 1 0 w
data
data if w = 1
STRING MANIPULATION
REP = Repeat
1 1 1 1 0 0 1 z
MOVS = Move Byte/Word
1 0 1 0 0 1 0 w
CMPS = Compare Byte/Word
1 0 1 0 0 1 1 w
SCAS = Scan Byte/Word
1 0 1 0 1 1 1 w
LODS = Load Byte/Word to AL/AX
1 0 1 0 1 1 0 w
STOS = Stor Byte/Word from AL/A
1 0 1 0 1 0 1 w
CONTROL TRANSFER
CALL = Call:
Direct Within Segment
1 1 1 0 1 0 0 0
disp-low
disp-high
Indirect Within Segment
1 1 1 1 1 1 1 1
mod 0 1 0 r/m
Direct Intersegment
1 0 0 1 1 0 1 0
offset-low
offset-high
seg-low
seg-high
Indirect Intersegment
1 1 1 1 1 1 1 1
mod 0 1 1 r/m
JMP = Unconditional Jump:
Direct Within Segment
1 1 1 0 1 0 0 1
disp-low
disp-high
Direct Within Segment-Short
1 1 1 0 1 0 1 1
disp
Indirect Within Segment
1 1 1 1 1 1 1 1
mod 1 0 0 r/m
Direct Intersegment
1 1 1 0 1 0 1 0
offset-low
offset-high
seg-low
seg-high
Indirect Intersegment
1 1 1 1 1 1 1 1
mod 1 0 1 r/m
RET = Return from CALL:
Within Segment
1 1 0 0 0 0 1 1
Within Seg Adding lmmed to SP
1 1 0 0 0 0 1 0
data-low
data-high
Instruction Set Summary (Continued)
MNEMONIC AND DESCRIPTION
INSTRUCTION CODE
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com