Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C54 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Interval Timer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 1 Page - Intersil Corporation

  CS82C54 Datasheet HTML 1Page - Intersil Corporation CS82C54 Datasheet HTML 2Page - Intersil Corporation CS82C54 Datasheet HTML 3Page - Intersil Corporation CS82C54 Datasheet HTML 4Page - Intersil Corporation CS82C54 Datasheet HTML 5Page - Intersil Corporation CS82C54 Datasheet HTML 6Page - Intersil Corporation CS82C54 Datasheet HTML 7Page - Intersil Corporation CS82C54 Datasheet HTML 8Page - Intersil Corporation CS82C54 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
4-1
March 1997
82C54
CMOS Programmable Interval Timer
Features
• 8MHz to 12MHz Clock Input Frequency
• Compatible with NMOS 8254
- Enhanced Version of NMOS 8253
• Three Independent 16-Bit Counters
• Six Programmable Counter Modes
• Status Read Back Command
• Binary or BCD Counting
• Fully TTL Compatible
• Single 5V Power Supply
• Low Power
- ICCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
µA
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA at 8MHz
• Operating Temperature Ranges
- C82C54 . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to +70oC
- I82C54 . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C54 . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Description
The Intersil 82C54 is a high performance CMOS Program-
mable Interval Timer manufactured using an advanced 2
micron CMOS process.
The 82C54 has three independently programmable and
functional 16-bit counters, each capable of handling clock
input frequencies of up to 8MHz (82C54) or 10MHz
(82C54-10) or 12MHz (82C54-12).
The high speed and industry standard configuration of the
82C54 make it compatible with the Intersil 80C86, 80C88,
and 80C286 CMOS microprocessors along with many other
industry standard processors. Six programmable timer
modes allow the 82C54 to be used as an event counter,
elapsed time indicator, programmable one-shot, and many
other applications. Static CMOS circuit design insures low
power operation.
The Intersil advanced CMOS process results in a significant
reduction in power with performance equal to or greater than
existing equivalent products.
Pinouts
82C54 (PDIP, CERDIP, SOIC)
TOP VIEW
82C54 (PLCC/CLCC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
D7
D6
D5
D4
D3
D2
D1
D0
CLK 0
OUT 0
GATE 0
GND
VCC
RD
CS
A1
A0
OUT 2
CLK 1
GATE 1
OUT 1
WR
CLK 2
GATE 2
CS
A1
A0
CLK2
NC
GATE 2
OUT 2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
D3
D2
D1
D0
D4
NC
CLK 0
File Number
2970.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CS82C54

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C54 INTERSIL-CS82C54 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
CS82C54-10 INTERSIL-CS82C54-10 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
CS82C54-10Z INTERSIL-CS82C54-10Z Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
CS82C54-12 INTERSIL-CS82C54-12 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
More results

Similar Description - CS82C54

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com