Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C54 Datasheet(PDF) 13 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Interval Timer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CS82C54 Datasheet HTML 9Page - Intersil Corporation CS82C54 Datasheet HTML 10Page - Intersil Corporation CS82C54 Datasheet HTML 11Page - Intersil Corporation CS82C54 Datasheet HTML 12Page - Intersil Corporation CS82C54 Datasheet HTML 13Page - Intersil Corporation CS82C54 Datasheet HTML 14Page - Intersil Corporation CS82C54 Datasheet HTML 15Page - Intersil Corporation CS82C54 Datasheet HTML 16Page - Intersil Corporation CS82C54 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
4-13
)
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C54, C82C54-10, -12 . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
I82C54, I82C54-10, -12 . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
M82C54, M82C54-10, -12 . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
55
12
CLCC Package . . . . . . . . . . . . . . . . . .
65
14
PDIP Package . . . . . . . . . . . . . . . . . . .
60
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
65
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
75
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature Ceramic Package . . . . . . . +175oC
Maximum Junction Temperature Plastic Package . . . . . . . . . +150oC
Maximum Lead Temperature Package (Soldering 10s) . . . . +300oC
(PLCC and SOIC - Lean Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2250 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VCC = +5.0V ± 10%, TA = 0
oC to +70oC (C82C54, C82C54-10, C82C54-12)
TA = -40
oC to +85oC (I82C54, I82C54-10, I82C54-12)
TA = -55
oC to +125oC (M82C54, M82C54-10, M82C54-12
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
-
V
C82C54, I82C54
2.2
-
V
M82C54
VIL
Logical Zero Input Voltage
-
0.8
V
VOH
Output HIGH Voltage
3.0
-
V
IOH = -2.5mA
VCC -0.4
-
V
IOH = -100
µA
VOL
Output LOW Voltage
-
0.4
V
IOL = +2.5mA
II
Input Leakage Current
-1
+1
µA
VIN = GND or VCC
DIP Pins 9,11,14-16,18-23
IO
Output Leakage Current
-10
+10
µA
VOUT = GND or VCC
DIP Pins 1-8
ICCSB
Standby Power Supply Current
-
10
µAVCC = 5.5V, VIN = GND or VCC,
Outputs Open, Counters
Programmed
ICCOP
Operating Power Supply Current
-
10
mA
VCC = 5.5V,
CLK0 = CLK1 = CLK2 = 8MHz,
VIN = GND or VCC,
Outputs Open
Capacitance TA = +25oC; All Measurements Referenced to Device GND, Note 1
SYMBOL
PARAMETER
TYP
UNITS
TEST CONDITIONS
CIN
Input Capacitance
20
pF
FREQ = 1MHz
COUT
Output Capacitance
20
pF
FREQ = 1MHz
CI/O
I/O Capacitance
20
pF
FREQ = 1MHz
NOTE:
1. Not tested, but characterized at initial design and at major process/design changes.
82C54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com