Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2405RD-RSP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HG2405RD-RSP
Description  HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HG2405RD-RSP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HG2405RD-RSP Datasheet HTML 1Page - List of Unclassifed Manufacturers HG2405RD-RSP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-
SMA "Rubber Duck" Wireless LAN Antenna
Applications and Features
Applications:
2.4 GHz ISM Band
IEEE 802.11b and 802.11g Wireless LAN
Bluetooth®
WiFi
Wireless Video Systems
Multipoint and Mobile Applications
Features:
Flexible "Rubber Duck" antenna
Tilt and swivel design
RP-SMA Connector
RoHS Compliant
Optional Magnetic Mount Available
Model: HG2405RD-RSP
Description
This compact 2.4GHz omnidirectional "rubber-duck" WiFi antenna provides broad coverage and 5.5
dBi gain. It is a coaxial sleeve design with an omni-directional pattern. It is ideally suited for IEEE
802.11b and 802.11g wireless LANs, Bluetooth® and other WLAN applications.
Measuring 8.2" long, this flexible antenna features a tilt-and-swivel reverse-polarity SMA connector,
allowing them to be used vertically, at a right angle, or any angle in-between. It is suitable as a
replacement RF antenna for many access points and radios that are equipped with reverse-polarity
SMA connectors including D-Link®, Linksys® WET11 and others.
Application Note: This antenna is not for use with U.S.Robotics® RP-SMA equipped devices.
Specifications
Frequency
2400-2500 MHz
Gain
5.5 dBi
Impedance
50 Ohm
VSWR
< 2.0
Weight
0.7 oz. (20 g)
Length
8.2" (208 mm)
Diameter
0.5" (13 mm)
Finish
Matte Black
Connector
Reverse Polarity SMA Plug
Operating Temperature
-40° C to 85° C (-40° F to 185° F)
Flame Rating
UL 94HB
Polarization
Vertical
RoHS Compliant
Yes


Similar Part No. - HG2405RD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2405RD-RSP L-COM-HG2405RD-RSP Datasheet
211Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Rubber Duck Antenna w/RP-SMA Plug Connector
More results

Similar Description - HG2405RD-RSP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
logo
Pasternack Enterprises,...
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pasternack Enterprises,...
PE51090 PASTERNACK-PE51090 Datasheet
60Kb / 1P
2300 - 2700 MHz Rubber Duck, 4.5dBi, Reverse Polarity SMA Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com