Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS02MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS02MS
Description  Radiation Hardened Quad 2-Input NOR Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS02MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS02MS Datasheet HTML 1Page - Intersil Corporation ACS02MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
ACS02MS
Radiation Hardened Quad 2-Input NOR Gate
The Radiation Hardened ACS02MS is a Quad 2-Input NOR
Gate. For each gate, a HIGH level on either A or B input
results in a LOW level on the Y output. A LOW level on both
the A and B inputs results in a HIGH level on the Y output.
All inputs are buffered and the outputs are designed for
balanced propagation delay and transition times.
The ACS02MS is fabricated on a CMOS Silicon on
Sapphire (SOS) process, which provides an immunity to
Single Event Latch-up and the capability of highly reliable
performance in any radiation environment. These devices
offer significant power reduction and faster performance
when compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS02MS are
contained in SMD 5962-98601. A “hot-link” is provided
on our homepage with instructions for downloading.
www.intersil.com/data/sm/index.asp
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under Any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . .
±8mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . 100
µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 12ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MARKETING
NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9860101VCC
ACS02DMSR-03
-55 to 125
14 Ld SBDIP
CDIP2-T14
ACS02D/SAMPLE-03
ACS02D/SAMPLE-03
25
14 Ld SBDIP
CDIP2-T14
5962F9860101VXC
ACS02KMSR-03
-55 to 125
14 Ld Flatpack
CDFP4-F14
ACS02K/SAMPLE-03
ACS02K/SAMPLE-03
25
14 Ld Flatpack
CDFP4-F14
5962F9860101V9A
ACS02HMSR-03
25
Die
N/A
Pinouts
ACS02MS
(SBDIP)
TOP VIEW
ACS02MS
(FLATPACK)
TOP VIEW
1Y
A1
B1
Y2
A2
B2
GND
VCC
Y4
B4
A4
Y3
B3
A3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
1Y
A1
B1
Y2
A2
B2
GND
VCC
Y4
B4
A4
Y3
B3
A3
Data Sheet
November 1998
File Number
4540
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS02MS

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ACS02R10SL-3P AMPHENOL-ACS02R10SL-3P Datasheet
1Mb / 20P
CIRCULAR CONN, PLUG, 20-27, CABLE RoHS : Not Compliant
9/1/16
ACS02R14S-6P AMPHENOL-ACS02R14S-6P Datasheet
1Mb / 20P
CIRCULAR CONN, PLUG, 20-27, CABLE RoHS : Not Compliant
9/1/16
More results

Similar Description - ACS02MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS02MS INTERSIL-HCTS02MS Datasheet
75Kb / 11P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS02MS RENESAS-HCTS02MS Datasheet
486Kb / 8P
Radiation Hardened Quad2-Input NOR Gate
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com