Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS20MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS20MS
Description  Radiation Hardened Dual 4-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS20MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS20MS Datasheet HTML 1Page - Intersil Corporation ACS20MS Datasheet HTML 2Page - Intersil Corporation ACS20MS Datasheet HTML 3Page - Intersil Corporation ACS20MS Datasheet HTML 4Page - Intersil Corporation ACS20MS Datasheet HTML 5Page - Intersil Corporation ACS20MS Datasheet HTML 6Page - Intersil Corporation ACS20MS Datasheet HTML 7Page - Intersil Corporation ACS20MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
ACS20MS
Radiation Hardened
Dual 4-Input NAND Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR, CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR, CDFP3-F14, LEAD FINISH C
TOP VIEW
A1
B1
NC
C1
D1
Y1
GND
VCC
D2
C2
NC
B2
A2
Y2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
NC
C1
D1
Y1
GND
VCC
D2
C2
NC
B2
A2
Y2
April 1995
Truth Table
INPUTS
OUTPUT
An
Bn
Cn
Dn
Yn
L
XXX
H
XLX
X
H
XX
L
X
H
XXX
L
H
HHHH
L
NOTE: L = Logic Level Low, H = Logic level High, X = Don’t Care
Functional Diagram
An
Bn
Yn
Cn
Dn
(5, 13)
(4, 12)
(2, 10)
(1, 9)
(6, 8)
Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current
≤1µA at VOL, VOH
Description
The Intersil ACS20MS is a radiation hardened dual 4-input
NAND gate. A low on any input forces the output to a high logic
state.
The ACS20MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
ACS20DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
ACS20KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
ACS20D/Sample
+25oC
Sample
14 Lead SBDIP
ACS20K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
ACS20HMSR
+25oC
Die
Die
Spec Number
518815
File Number
3616


Similar Part No. - ACS20MS

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ACS200LP AEROTECH-ACS200LP Datasheet
724Kb / 7P
Direct-Drive Rotary Collet Stage
More results

Similar Description - ACS20MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com