Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-FDW5TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C64-FDW5TP
Description  64-Kbit serial I짼C bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-FDW5TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C64-FDW5TP Datasheet HTML 29Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 30Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 31Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 32Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 33Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 34Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 35Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 36Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DocID16891 Rev 30
33/45
M24C64-W M24C64-R M24C64-F
44
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 17. UFDFPN5 (MLP5) – package outline (UFDFPN: Ultra thin Fine pitch
Dual Flat Package, No lead)
1. On the bottom side, pin 1 is identified by the specific pad shape and, on the top side, pin 1 is defined from
the orientation of the marking: when reading the marking, pin 1 is below the upper left package corner.
Table 18. UFDFPN5 (MLP5) – package dimensions (UFDFPN: Ultra thin Fine pitch
Dual Flat Package, No lead)
Symbol
millimeters
inches(1)
1.
Typ
Min
Max
Typ
Min
Max
A
0.550
0.500
0.600
0.0217
0.0197
0.0236
A1
–
0
0.050
–
0
0.0020
b
0.220
0.180
0.260
0.0087
0.0071
0.0102
D
1.700
1.600
1.800
0.0669
0.0630
0.0709
D1
1.500
1.400
1.600
0.0591
0.0551
0.0630
E
1.400
1.300
1.500
0.0551
0.0512
0.0591
E1
0.220
0.180
0.260
0.0087
0.0071
0.0102
e
0.400
–
–
0.0157
–
–
L
0.550
0.500
0.600
0.0217
0.0197
0.0236
k
0.400
–
–
0.0157
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com