Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-FDW5TP Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24C64-FDW5TP
Description  64-Kbit serial I짼C bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-FDW5TP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24C64-FDW5TP Datasheet HTML 35Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 36Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 37Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 38Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 39Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 40Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 41Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 42Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
DocID16891 Rev 30
39/45
M24C64-W M24C64-R M24C64-F
44
Figure 23. Thin WLCSP 8-bump wafer-length chip-scale package outline
(M24C64-DFCT6TP/K)
1. Drawing is not to scale.
2. The index on the wafer back side (circle) is above the index of the bump side (triangle/arrow).
Table 24. Thin WLCSP 8-bump wafer-length chip-scale package mechanical data
(M24C64-DFCT6TP/K)
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.315
0.300
0.330
0.0124
0.0118
0.0130
A1
0.115
0.0045
A2
0.200
0.0079
b(2)
2. Dimension measured at the maximum bump diameter parallel to primary datum Z.
0.160
0.0063
D
1.073
1.093
0.0422
0.0430
E
0.959
0.979
0.0378
0.0385
e
0.693
0.0273
e1
0.800
0.0315
e2
0.400
0.0157
F
0.133
0.0052
G
0.137
0.00524
aaa
0.110
0.0043
eee
0.060
0.0043



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com